Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor GL6965 Datasheet HTML 19Page - Hynix Semiconductor GL6965 Datasheet HTML 20Page - Hynix Semiconductor GL6965 Datasheet HTML 21Page - Hynix Semiconductor GL6965 Datasheet HTML 22Page - Hynix Semiconductor GL6965 Datasheet HTML 23Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
GL6965
20
Transmit Dynamic Range to Current Characteristic Receiving Range to Current Characteristic
DTMF Dynamic Range to Current Characteristic
Beep Dynamic Range to Current Charcteristic
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
Line Current, IL (mA)
16
14
12
10
8
6
4
2
Test Circuit 4
THD 4%
THD 2%
Line Current, IL (mA)
16
14
12
10
8
6
4
2
Test Circuit 5
THD10%
THD 5%
0
20
40
60
80
100
120
140
Line
Current,
IL
(mA)
16
14
12
10
8
6
4
2
Test Circuit 6
THD 4%
THD 2%
0
20
40
60
80
100
120
140
Line Current, IL (mA)
16
14
12
10
8
6
4
2
Test Circuit 8
THD10%
THD 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com