Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 14Page - Hynix Semiconductor GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor GL6965 Datasheet HTML 19Page - Hynix Semiconductor GL6965 Datasheet HTML 20Page - Hynix Semiconductor GL6965 Datasheet HTML 21Page - Hynix Semiconductor GL6965 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GL6965
18
DC Characteristic (Normal)
Test Circuit 1
DC Characteristic (UP)
Test Circuit 2
VREF Voltage to Current Characteristic
Test Circuit 3
Transmit Gain to Current Characteristic
Test Circuit 4
0
20
40
60
80
100
120
140
4
3.5
3
2.5
2
1.5
1
0.5
Line Current, IL (mA)
Up
Normal
0
20
40
60
80
100
120
140
48
47
46
45
44
43
42
41
Line Current, IL (mA)
(A)
(B)
(C)
(E)
(D)
(A) open
(B) 10k§ Ù(PADC-VCC)
(C) 20k§ Ù(PADC-VCC)
(D) 25k§ Ù(PADC-GND)
(E) 100k§ Ù
(PADC-GND)
Line Current, IL (mA)
0
20
40
60
80
100
120
140
16
14
12
10
8
6
4
2
VL
VCC
0
20
40
60
80
100
120
140
16
14
12
10
8
6
4
2
Line Current, IL (mA)
VL
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com