Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 10Page - Hynix Semiconductor GL6965 Datasheet HTML 11Page - Hynix Semiconductor GL6965 Datasheet HTML 12Page - Hynix Semiconductor GL6965 Datasheet HTML 13Page - Hynix Semiconductor GL6965 Datasheet HTML 14Page - Hynix Semiconductor GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
GL6965
14
3. Gain control circuit (PADC)
1) PADC terminal open state. Transmiting and receiving gains vary automatically according to the
line current amount (Auto-PAD). With the increase of line current amount; the gain attenuates by
about - 3dB at transmiting and about - 5.5dB at receiving.
2) In case PADC terminal is connected to GND by resistance. The gain begins to attenuate with the
line current amount less than that when PADC terminal is open. Set the value of resistance to be
connected at 25k§ Ù
or over.
3) In case PADC terminal is connected to VCC by resistance. The gain begins to attenuate with the
line current amount more than that when PADC terminal is open.
Set the value of resistance to be connected at 10k§ Ùor over.
* Internal equivalent circuit.
4. MUTE circuit (MUTE)
The internal equivalent circuit in the MUTE terminal is a shown in the figure below. Since the
protective diode is connected between VCC and GND, avoid impressing the voltage over that of VCC
or below GND.
This is most suitable for input from the output of open drain or open collector type.
*
Internal equivalent circuit.
20 k§ Ù
5 k§ Ù
IPAD
PIN20(VCC)
PIN12 (PADC)
+
-
PIN9 (MUTE)
PIN 20 (VCC)
VREF
Dialing Mode (High)
Speech Mode (High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com