Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor GL6965 Datasheet HTML 19Page - Hynix Semiconductor GL6965 Datasheet HTML 20Page - Hynix Semiconductor GL6965 Datasheet HTML 21Page - Hynix Semiconductor GL6965 Datasheet HTML 22Page - Hynix Semiconductor GL6965 Datasheet HTML 23Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
GL6965
23
Transmit Gain to Frequency Characteristic
Test Circuit 4
Receiving gain to Frequency Characteristic
Test Circuit 5
Line Voltage to Temperature Characteristic
Internal Power Supply Voltage to Temperature
Characteristic
50
45
40
35
IL=120mA
Frequency (Hz)
100
1k
5k
IL=120mA
Input Level=-55dBV
IL=120mA
Frequency (Hz)
100
1k
5k
IL=120mA
Input Level=-55dBV
0
20
40
60
80
100
120
140
Line Current, IL (mA)
16
14
12
10
8
6
4
2
Test Circuit 1
-35¡ É
75¡ É
100¡ É
0
20
40
60
80
100
120
140
Line Current, IL (mA)
16
14
12
10
8
6
4
2
Test Circuit 1
-35¡ É
75¡ É
100¡ É



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com