Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 12Page - Hynix Semiconductor GL6965 Datasheet HTML 13Page - Hynix Semiconductor GL6965 Datasheet HTML 14Page - Hynix Semiconductor GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor GL6965 Datasheet HTML 19Page - Hynix Semiconductor GL6965 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GL6965
16
4. Side Tone Gain Control.
(1) Alternative application for side tone gin control
-
The side tone gain is externally controlled by the resistor RSD (RS1+RS2)
-
The maximum available control range of side tone gain is 0dB to 14 dB.
(2)
Side tone gain, GSD to Resistor, RSD
RSD (RS1+RS2)
GSD
1k§ Ù
2k§ Ù
3k§ Ù
3.5k§ Ù
4k§ Ù
5k§ Ù
6k§ Ù
14.2dB
11.1dB
2.5dB
0.2dB
1.6 dB
5.4 dB
7.5 dB
(3) The side tone gain is
GSD=
)
dB
(
)
V
V
log(
20
L
RO
B/L
Circuit
1
19
18
7
3
2
20
15
10
16
+
-
L1
L2
VL
43
Ω
150
Ω
RS2
RS1
15
Ω
620
Ω
2.2k
Ω
2.2k
Ω
GL6965
2.2k
Ω
220
µF
0.47
µF
0.47
µF
330pF
0.47
µF
TIN
V
VRD
5.6k
Ω
1 k
Ω
RSD
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com