Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL6965 Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor GL6965 Datasheet HTML 19Page - Hynix Semiconductor GL6965 Datasheet HTML 20Page - Hynix Semiconductor GL6965 Datasheet HTML 21Page - Hynix Semiconductor GL6965 Datasheet HTML 22Page - Hynix Semiconductor GL6965 Datasheet HTML 23Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
GL6965
19
Receiving Gain to Current Characteristic
Input=pin 15, -55dBV
Output=pin 18, pin 19
MF Gain to Current Characteristic
Input=pin 15, -30dBVrms
Output=pin 1
Beep Gain to Current Characteristic
Receiving Gain to Current Characteristic
(at using Low-impedance type receiver ;
RL=150§ Ù
)
0
20
40
60
80
100
120
140
50
48
46
44
42
40
38
36
Line Current, IL (mA)
Test Circuit 5
Input Level=-55dBV
(K) open
(L) 10k§ Ù(PADC-VCC)
(M) 20k§ Ù(PADC-VCC)
(N) 25k§ Ù(PADC-GND)
(O) 100k§ Ù(PADC-GND)
(A)
(B)
(C)
(D) (E)
0
20
40
60
80
100
120
140
Line Current, IL (mA)
29
28
27
26
25
24
23
22
Test Circuit 6
Input Level=-30dBV
(F) open
(G) 10k§ Ù(PADC-VCC)
(H) 20k§ Ù(PADC-VCC)
(I) 25k§ Ù(PADC-GND)
(J) 100k§ Ù(PADC-GND)
(A)
(D)
(E)
(B)
(C)
0
20
40
60
80
100
120
140
Line Current, IL (mA)
30
28
26
24
22
20
18
16
Test Circuit 8
Input Level = -
30dBV
0
20
40
60
80
100
120
140
Line Current, IL (mA)
26
24
22
20
18
16
14
12
Test Circuit 7
Input Level = -
55dBV
RL=150§ Ù



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com