Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 79 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 79 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 75Page - Hynix Semiconductor GMS36 Datasheet HTML 76Page - Hynix Semiconductor GMS36 Datasheet HTML 77Page - Hynix Semiconductor GMS36 Datasheet HTML 78Page - Hynix Semiconductor GMS36 Datasheet HTML 79Page - Hynix Semiconductor GMS36 Datasheet HTML 80Page - Hynix Semiconductor GMS36 Datasheet HTML 81Page - Hynix Semiconductor GMS36 Datasheet HTML 82Page - Hynix Semiconductor GMS36 Datasheet HTML 83Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
7-1
CHAPTER 7. GMS36XXXT
Description
The GMS36XXXT series are remote control transmitter which uses CMOS technology
and the EPROM version.
This enables transmission code outputs of different configurations, multiple custom code
output and double push key output for easy fabrication.
The GMS36XXXT series are suitable for remote control of TV, VCR, FANS, Air-conditioners,
Audio Equipment, Toys, Games etc.
Features
• Program memory
: 1,024 bytes for GMS36/004T/112T/140T
• Data memory : 32 Ø 4 bits
• 43 types of instruction set
• 3 levels of subroutine nesting
• Operating frequency : 300kHz ~ 1MHz at kHz version
2.4MHz ~ 4MHz at MHz version
• Instruction cycle :
fOSC/6 at kHz version
fOSC/48 at MHz version
• CMOS process (Single 3.0V power supply)
• Stop mode (Through internal instruction)
• Released stop mode by key input
• Built in Power-on Reset circuit
• Built in Low Voltage Detection circuit
• Built in capacitor for ceramic oscillation circuit at kHz version
• Built in a watch dog timer (WDT)
• Built in transistor for I.R LED Drive : I
OL =190mA at VDD =3V and VO =0.3V
• Low operating voltage: 2.2 ~ 3.6V (at 300kHz ~ 4MHz)
Chapter 7.GMS36XXXT
Table 7-1 GMS36XXXT series members
Series
GMS36004T
GMS36112T
GMS36140T
Program memory
1,024
1,024
1,024
Data memory
32
Ø 4
I/O ports
-
4
4
Input ports
4
4
4
Output ports
6 (D0~D5)
6 (D0~D5)
10 (D0~D9)
Package
16DIP/SOP
20DIP/SOP/SSOP
24Skinny DIP/SOP
32
Ø 4
32
Ø 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com