Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 97 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 97 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 93Page - Hynix Semiconductor GMS36 Datasheet HTML 94Page - Hynix Semiconductor GMS36 Datasheet HTML 95Page - Hynix Semiconductor GMS36 Datasheet HTML 96Page - Hynix Semiconductor GMS36 Datasheet HTML 97Page - Hynix Semiconductor GMS36 Datasheet HTML 98Page - Hynix Semiconductor GMS36 Datasheet HTML 99Page - Hynix Semiconductor GMS36 Datasheet HTML 100Page - Hynix Semiconductor GMS36 Datasheet HTML 101Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
9-4
Program / Verify Timing Diagrams In kHz Version.
1) EPROM Write & Verify Mode (1Byte)
26&
9''
9''+
79335
9,+3
79336
9''+
73
.a.
0+ 
0/ 
.
.933
'a'

$/ '+ '/
$+
2+ 2/
$/ '+ '/
$+






(SURP :ULWH 0RGH VHWWLQJ
5HVHW
 WLPHV UHSHDW
XV [  XV
$+  +LJK ELW $GGUHVV ,QSXW /DWFK
$/  /RZ ELW $GGUHVV ,QSXW /DWFK
'+  +LJK ELW 'DWD ,QSXW /DWFK
'/  /RZ ELW 'DWD ,QSXW /DWFK
2+  +LJK ELW 'DWD 2XWSXW
2/  /RZ ELW 'DWD 2XWSXW



$GGU 
$GGU 
702'(
0+  +LJK ELW 0RGH ,QSXW /DWFK
0/  /RZ ELW 0RGH ,QSXW /DWFK
7'/<
7'/<
7+/'
767%
7+/'
7.'
7.6
#. Note :
1. Internal system is reset at VPP = 12.5V and K2=`Low`
2. The reset release (K2=`High`) must be set within OSC1 = `Low` state.
(From this time, OSC1 clock is counted.)
3. The Data will be inputted from the 19th rising edge of OSC1.
4. If not written during 10 times repeats (120us), repeat the 5 times until all is written.
5. For device verify. If you set Lock bit, output data is always `0F`h.
Chapter 9. EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com