Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 40Page - Hynix Semiconductor GMS36 Datasheet HTML 41Page - Hynix Semiconductor GMS36 Datasheet HTML 42Page - Hynix Semiconductor GMS36 Datasheet HTML 43Page - Hynix Semiconductor GMS36 Datasheet HTML 44Page - Hynix Semiconductor GMS36 Datasheet HTML 45Page - Hynix Semiconductor GMS36 Datasheet HTML 46Page - Hynix Semiconductor GMS36 Datasheet HTML 47Page - Hynix Semiconductor GMS36 Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
4-11
STOP Operation
Stop mode can be achieved by STOP instructions.
In stop mode :
1. Oscillator is stopped, the operating current is low.
2. Watch dog timer is reset, REMOUT output is disable
(High-Z at GMS36XXX(T) , “L” at GMS37XXX(T))
3. Part other than WDT and REMOUT output have a value before
come into stop mode.
* But the state of D0 ~ D9 output in stop mode is able to choose as masked option.
"L" output or same level before come into stop mode.
The Function to release stop mode is able to choose each bit of K or R input as masked option.
Stop mode is released when one of K or R input is going to "L".
1. State of D0 ~ D9 output and REMOUT output is return to state of before stop mode is
achieved.
2. After 210
Ø{System clock time} for stable oscillating, first instruction start to operate.
3. In return to normal operation, WDT is counted from zero again.
But, at executing stop instruction, if one of K or R input is chosen to "L", stop instruction
is same to NOP instruction.
Chapter 4. FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com