Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 30Page - Hynix Semiconductor GMS36 Datasheet HTML 31Page - Hynix Semiconductor GMS36 Datasheet HTML 32Page - Hynix Semiconductor GMS36 Datasheet HTML 33Page - Hynix Semiconductor GMS36 Datasheet HTML 34Page - Hynix Semiconductor GMS36 Datasheet HTML 35Page - Hynix Semiconductor GMS36 Datasheet HTML 36Page - Hynix Semiconductor GMS36 Datasheet HTML 37Page - Hynix Semiconductor GMS36 Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 109 page
background image
4-1
4. FUNCTIONAL DESCRIPTION
Program Memory (ROM)
The GMS36/37XXX series can incorporate maximum 1,024 words (64 words
Ø16
pages
Ø8bits) for program memory. Program counter PC (A0~A5) and page
address register (A6~A9) are used to address the whole area of program memory
having an instruction (8bits) to be next executed.
The program memory consists of 64 words on each page, and thus each page
can hold up to 64 steps of instructions.
The program memory is composed as shown below.
Chapter 4. FUNCTIONAL DESCRIPTION
0 1
2 3
4 5
6 7
8
63
Program counter (PC)
Page address register (PA)
Page buffer (PB)
64
(Level "1")
(Level "2")
(Level "3")
(PSR)
(SR)
Stack
register
Page 0
Page 1
Page 2
Page 15
A0~A5
01
2
15
A6~A9
Program capacity (pages)
Fig 4-1 Configuration of Program Memory
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com