Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 32Page - Hynix Semiconductor GMS36 Datasheet HTML 33Page - Hynix Semiconductor GMS36 Datasheet HTML 34Page - Hynix Semiconductor GMS36 Datasheet HTML 35Page - Hynix Semiconductor GMS36 Datasheet HTML 36Page - Hynix Semiconductor GMS36 Datasheet HTML 37Page - Hynix Semiconductor GMS36 Datasheet HTML 38Page - Hynix Semiconductor GMS36 Datasheet HTML 39Page - Hynix Semiconductor GMS36 Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
4-3
Data Memory (RAM)
Up to 32 nibbles (16 words
Ø 2pages Ø 4bits) is incorporated for storing data.
The whole data memory area is indirectly specified by a data pointer (X,Y). Page
number is specified by zero bit of X register, and words in the page by 4 bits in
Y-register. Data memory is composed in 16 nibbles/page. Figure 2-2 shows the
configuration.
X-register (X)
X-register is consist of 2bit, X0 is a data pointer of page in the RAM, X1 is only
used for selecting of D8 ~ D9 with value of Y-register
X1=1
X1=0
D8
D9
Y=0
Y=1
D1
D0
Table 4-1 Mapping table between X and Y register
Chapter 4. FUNCTIONAL DESCRIPTION
0
1
2
3
15
Output port
Y-register (Y)
X-register (X)
D0
D9 R0
R3 REMOUT
Page 0
Page 1
01
4
a
0~a3
Data memory page (0~1)
Fig 4-2 Composition of Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com