Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 86 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 86 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 82Page - Hynix Semiconductor GMS36 Datasheet HTML 83Page - Hynix Semiconductor GMS36 Datasheet HTML 84Page - Hynix Semiconductor GMS36 Datasheet HTML 85Page - Hynix Semiconductor GMS36 Datasheet HTML 86Page - Hynix Semiconductor GMS36 Datasheet HTML 87Page - Hynix Semiconductor GMS36 Datasheet HTML 88Page - Hynix Semiconductor GMS36 Datasheet HTML 89Page - Hynix Semiconductor GMS36 Datasheet HTML 90Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
8-1
CHAPTER 8. GMS37XXXT
Description
The GMS37XXXT series are remote control transmitter which uses CMOS
technology and the EPROM version.
This enables transmission code outputs of different configurations, multiple
custom code output, and double push key output for easy fabrication.
The GMS37XXXT series are suitable for remote control of TV, VCR, FANS, Air-
conditioners, Audio Equipment, Toys, Games etc.
It is possible to structure the 8 x 7 key matrix for GMS37112T, and the 4 x 7 key
matrix for GMS37004T.
Features
• Program memory
: 1,024 bytes for GMS37004T/112T/140T
• Data memory : 32 Ø 4 bits
• 43 types of instruction set
• 3 levels of subroutine nesting
• Operating frequency : 300kHz ~ 1MHz at kHz version
2.4MHz ~ 4MHz at MHz version
• Instruction cycle :
fOSC/6 at kHz version
fOSC/48 at MHz version
• CMOS process (Single 3.0V power supply)
• Stop mode (Through internal instruction)
• Released stop mode by key input
• Built in Power-on Reset circuit
• Built in Low Voltage Detection circuit
• Built in capacitor for ceramic oscillation circuit at kHz version
• Built in a watch dog timer (WDT)
• Low operating voltage : 2.2 ~ 3.6V (at 300kHz ~ 4MHz)
Chapter 8. GMS37XXXT
Table 8-1 GMS37XXXT series members
Series
GMS37004T
GMS37112T
GMS37140T
Program memory
1,024
1,024
1,024
Data memory
32
Ø 4
I/O ports
-
4
4
Input ports
4
4
4
Output ports
7 (D0~D6)
7 (D0~D6)
10 (D0~D9)
Package
16DIP/SOP
20DIP/SOP/SSOP
24Skinny DIP/SOP
32
Ø 4
32
Ø 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com