Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 16Page - Hynix Semiconductor GMS36 Datasheet HTML 17Page - Hynix Semiconductor GMS36 Datasheet HTML 18Page - Hynix Semiconductor GMS36 Datasheet HTML 19Page - Hynix Semiconductor GMS36 Datasheet HTML 20Page - Hynix Semiconductor GMS36 Datasheet HTML 21Page - Hynix Semiconductor GMS36 Datasheet HTML 22Page - Hynix Semiconductor GMS36 Datasheet HTML 23Page - Hynix Semiconductor GMS36 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
2-4
Pin Description
Pin
Function
I/O
Connected to 2.0~ 3.6V power supply
Connected to 0V power supply.
4-bit input port with built in pull-up resistor.
STOP mode is released by "L" input of each pin. ( masked option)
K0 ~ K3
Input
GND
-
VDD
-
Each can be set and reset independently.
The output is the structure of N-channel-open-drain.
4-bit I/O port. (Input mode is set only when each of them output "H".)
In outputting, each can be set and reset independently(or at once.)
The output is in the form of C-MOS.
Pull-up resistor and STOP release mode can be respectively selected
as masked option for each pin. (It is released by "L" input at STOP)
High current output port. The output is in the form of CMOS.
The state of large current on is "H".
D0 ~ D9
Output
R0 ~ R3
I/O
REMOUT
Output
Oscillator input. Input to the oscillator circuit and connection point for
ceramic resonator.
Internal capacitors available at kHz version.
A feedback resistor is internally connected between this pin and OSC2.
Connect a resonator between this pin and OSC1.
OSC1
Input
OSC2
Output
Chapter 2. GMS37XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com