Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS36 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 37Page - Hynix Semiconductor GMS36 Datasheet HTML 38Page - Hynix Semiconductor GMS36 Datasheet HTML 39Page - Hynix Semiconductor GMS36 Datasheet HTML 40Page - Hynix Semiconductor GMS36 Datasheet HTML 41Page - Hynix Semiconductor GMS36 Datasheet HTML 42Page - Hynix Semiconductor GMS36 Datasheet HTML 43Page - Hynix Semiconductor GMS36 Datasheet HTML 44Page - Hynix Semiconductor GMS36 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
4-8
Reset Operation
GMS36/37XXX has three reset sources. One is a built-in Power-on reset circuit, another
is a built-in Low VDD Detection circuit, the other is the overflow of Watch Dog Timer. (WDT)
All reset operations are internal in the GMS36/37XXX.
Built-in Power On Reset Circuit
GMS36/37XXX has a built-in Power-on reset circuit consisting of an about 1
Ð Resistor
and a 3pF Capacitor. When the Power-on reset pulse occurs, system reset signal is
latched and WDT is cleared.
After the overflow time of WDT (213 x System clock time)
system reset signal is released.
t
reset
VCC
System
RESETB
About 108msec at
fosc = 455kHz
9''
*1'
&RXQWHU
:'7
6\VWHP
5(6(7%
 Ð
S)
<GMS36/37XXX>
Fig. 4-4 Power-On Reset Circuit and Timing Chart
Chapter 4. FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com