Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 7Page - Hynix Semiconductor STAC9704 Datasheet HTML 8Page - Hynix Semiconductor STAC9704 Datasheet HTML 9Page - Hynix Semiconductor STAC9704 Datasheet HTML 10Page - Hynix Semiconductor STAC9704 Datasheet HTML 11Page - Hynix Semiconductor STAC9704 Datasheet HTML 12Page - Hynix Semiconductor STAC9704 Datasheet HTML 13Page - Hynix Semiconductor STAC9704 Datasheet HTML 14Page - Hynix Semiconductor STAC9704 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
11
10/02/98
1.4 Power and Ground Signals
Table 6. Power Signal List STAC9704/7
SIGNAL NAME
TYPE
STAC9704
STAC9707
AVdd1
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVdd2
I
Analog Vdd = 5.0V
Analog Vdd = 3.3V
AVss1
I
Analog Gnd
Analog Gnd
AVss2
I
Analog Gnd
Analog Gnd
DVdd1
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVdd2
I
Digital Vdd = 5.0V or 3.3V
Digital Vdd = 3.3V
DVss1
I
Digital Gnd
Digital Gnd
DVss2
I
Digital Gnd
Digital Gnd
2. AC-LINK
Below is the figure of the AC-link point to point serial interconnect between the STAC9704/7 and its companion
controller.
All digital audio streams and command/status information are communicated over this AC-link.
Please refer to the “Digital Interface” section 3 for details.
Figure 4. STAC9704/7’s AC97-link to its companion controller
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
Digital
DC’97
Controller
STAC9704/7
XTAL_IN
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com