Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 30Page - Hynix Semiconductor STAC9704 Datasheet HTML 31Page - Hynix Semiconductor STAC9704 Datasheet HTML 32Page - Hynix Semiconductor STAC9704 Datasheet HTML 33Page - Hynix Semiconductor STAC9704 Datasheet HTML 34Page - Hynix Semiconductor STAC9704 Datasheet HTML 35Page - Hynix Semiconductor STAC9704 Datasheet HTML 36Page - Hynix Semiconductor STAC9704 Datasheet HTML 37Page - Hynix Semiconductor STAC9704 Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
34
10/02/98
7. AC TIMING CHARACTERISTICS
(Tambient = 25
° C, AVdd = DVdd = 5.0V or 3.3V
± 5%, AVss=DVss+0V; 50pF external load)
7.1 Cold Reset
Figure 14: Cold Reset
RESET#
BIT_CLK
Tres_low
Trst2clk
Table 19 : Cold Reset
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
RESET# active low pulse width
Tres_low
1.0
-
-
us
RESET# inactive to BIT_CLK startup delay
Trst2clk
162.8
-
-
ns
# denotes active low.
7.2 Warm Reset
As per the STAC9704 errata, the BIT_CLK is triggered on the rising edge of the SYNC pulse rather than the falling edge
of the SYNC pulse as specified in the AC97 specification. This issue is not known to have caused any customer problems.
Figure 15: Warm Reset
SYNC
BIT_CLK
Tsync_2clk
Tsync_high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com