Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 28Page - Hynix Semiconductor STAC9704 Datasheet HTML 29Page - Hynix Semiconductor STAC9704 Datasheet HTML 30Page - Hynix Semiconductor STAC9704 Datasheet HTML 31Page - Hynix Semiconductor STAC9704 Datasheet HTML 32Page - Hynix Semiconductor STAC9704 Datasheet HTML 33Page - Hynix Semiconductor STAC9704 Datasheet HTML 34Page - Hynix Semiconductor STAC9704 Datasheet HTML 35Page - Hynix Semiconductor STAC9704 Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
32
10/02/98
PR6
Not implemented
Figure 12: Example of STAC9704/7 Powerdown/Powerup flow
PR0=1
PR1=1
PR2=1
PR4=1
Default
Normal
ADCs off
PR0
DACs off
PR1
Analog off
PR2 or PR3
Digital I/F off
PR4
Shut off
Coda-link
PR0=0
&
ADC=1
PR1=0
&
DAC=1
PR2=0
&
ANL=1
Warm Reset
Cold Reset
Ready =1
The above figure illustrates one example procedure to do a complete powerdown of STAC9704/7. From normal
operation, sequential writes to the Powerdown Register are performed to power down STAC9704/7 a piece at a
time. After everything has been shut off, a final write (of PR4) can be executed to shut down the AC-link. The
part will remain in sleep mode with all its registers holding their static values.
To wake up,
the AC’97
controller will send an extended pulse on the sync line, issuing a warm reset. This will restart the AC-link
(resetting PR4 to zero). The STAC9704/7 can also be woken up with a cold reset. A cold reset will reset all of
the registers to their default states. When a section is powered back on, the Powerdown Control/Status register
(index 26h) should be read to verify that the section is ready (stable) before attempting any operation that
requires it.
Figure 13: STAC9704/7 Powerdown/Powerup flow with analog still alive
PR0=1
PR1=1
PR4=1
Normal
ADCs off
PR0
DACs off
PR1
Digital I/F off
PR4
Shut off
Coda-link
PR0=0
&
ADC=1
PR1=0
&
DAC=1
Warm Reset
The above figure illustrates a state when all the mixers should work with the static volume settings that are
contained in their associated registers. This configuration can be used when playing a CD (or external LINE_IN
source) through STAC9704/7 to the speakers, while most of the system in low power mode. The procedure for
this follows the previous except that the analog mixer is never shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com