Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 13Page - Hynix Semiconductor STAC9704 Datasheet HTML 14Page - Hynix Semiconductor STAC9704 Datasheet HTML 15Page - Hynix Semiconductor STAC9704 Datasheet HTML 16Page - Hynix Semiconductor STAC9704 Datasheet HTML 17Page - Hynix Semiconductor STAC9704 Datasheet HTML 18Page - Hynix Semiconductor STAC9704 Datasheet HTML 19Page - Hynix Semiconductor STAC9704 Datasheet HTML 20Page - Hynix Semiconductor STAC9704 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
17
10/02/98
Within slot 0 the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the
STAC9704/7 is in the "Codec Ready" state or not. If the “Codec Ready” bit is a 0, this indicates that
STAC9704/7 is not ready for normal operation. This condition is normal following the de-assertion of
power on reset, for example, while STAC9704/7’s voltage references settle. When the AC-link "Codec
Ready" indicator bit is a 1, it indicates that the AC-link and STAC9704/7 control/status registers are in
a fully operational state. The AC'97 controller must further probe the Powerdown Control Status
Register (refer to Mixer Register section) to determine exactly which subsections, if any, are ready.
Prior to any attempts at putting STAC9704/7 into operation the AC'97 controller should poll the first bit
in the audio input frame (SDATA_IN slot 0, bit 15) for an indication that STAC9704/7 has become
"Codec Ready". Once the STAC9704/7 is sampled "Codec Ready", the next 12 bit positions sampled
by the AC'97 controller indicate which of the corresponding 12 time slots are assigned to input data
streams, and that they contain valid data. The following diagram illustrates the time slot based AC-link
protocol.
Figure 8: STAC9704/7 Audio Input Frame
SYNC
BIT_CLK
SDATA_IN
valid
Frame
slot1
slot2
End of previous audio frame
slot(12) "0"
"0"
"0"
19
"0"
"0"
"0"
19
19
19
"0"
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
A new audio input frame begins with a low to high transition of SYNC. SYNC is synchronous to the
rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, STAC9704/7
samples the assertion of SYNC. This falling edge marks the time when both sides of AC-link are aware
of the start of a new audio frame. On the next rising of BIT_CLK, the STAC9704/7 transitions
SDATA_IN into the first bit position of slot 0 ("Codec Ready" bit). Each new bit position is presented
to AC-link on a rising edge of BIT_CLK and subsequently sampled by the AC'97 controller on the
following falling edge of BIT_CLK.
This sequence ensures that data transitions, and subsequent
sample points for both incoming and outgoing data streams are time aligned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com