Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 31Page - Hynix Semiconductor STAC9704 Datasheet HTML 32Page - Hynix Semiconductor STAC9704 Datasheet HTML 33Page - Hynix Semiconductor STAC9704 Datasheet HTML 34Page - Hynix Semiconductor STAC9704 Datasheet HTML 35Page - Hynix Semiconductor STAC9704 Datasheet HTML 36Page - Hynix Semiconductor STAC9704 Datasheet HTML 37Page - Hynix Semiconductor STAC9704 Datasheet HTML 38Page - Hynix Semiconductor STAC9704 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
35
10/02/98
Table 20: Warm Reset
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SYNC active high pulse width
Tsync_high
-
1.3
-
us
SYNC inactive to BIT_CLK startup delay
Tsync_2clk
162.8
-
-
ns
7.3 Clocks
Figure 16: Clocks
BIT_CLK
SYNC
Tclk_high
Tclk_low
Tclk_period
Tsync_low
Tsync_high
Tsync_period
Table 21: Clocks
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
BIT_CLK frequency
-
12.288
-
MHz
BIT_CLK period
Tclk_period
-
81.4
-
ns
BIT_CLK output jitter
-
-
750
ps
BLT_CLK high pulsewidth (note 1)
Tclk_high
32.56
40.7
48.84
ns
BIT_CLK low pulse width (note 1)
Tclk_low
32.56
40.7
48.84
ns
SYNC frequency
-
48.0
-
kHz
SYNC period
Tsync_period
-
20.8
-
us
SYNC high pulse width
Tsync_high
-
1.3
-
us
SYNC low_pulse width
Tsync_low
-
19.5
-
us
Notes: 1) Worst case duty cycle restricted to 40/60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com