Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 39Page - Hynix Semiconductor STAC9704 Datasheet HTML 40Page - Hynix Semiconductor STAC9704 Datasheet HTML 41Page - Hynix Semiconductor STAC9704 Datasheet HTML 42Page - Hynix Semiconductor STAC9704 Datasheet HTML 43Page - Hynix Semiconductor STAC9704 Datasheet HTML 44Page - Hynix Semiconductor STAC9704 Datasheet HTML 45Page - Hynix Semiconductor STAC9704 Datasheet HTML 46Page - Hynix Semiconductor STAC9704 Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
43
10/02/98
8.6
STAC9707 Analog Performance Characteristics (Tambient = 25
o
C, AVdd =
DVdd = 3.3V
±± 5%, AVss=DVss=0V; 1 kHz input sine wave; Sample Frequency = 48 kHz;
0dB = 1 Vrms, 10K ohm/ 50pF load, Testbench Characterization BW: 20 Hz – 20kHz, 0dB
settings on all gain stages)
Table 30. Analog Performance Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
Full Scale Output Voltage:
Line Inputs to line output 3.3V
Line Inputs to LINE_OUT 3.3V @ Line In =
1 Vrms and @ Gain setting of -6 dB
Line Inputs to LINE_OUT 3.3V @ Line In =
0.5 Vrms and @ gain setting of 0dB
PCM to LINE_OUT 3.3V @ full scale PCM input
@PCM gain setting of 0dB
PCM to Line Output 3.3V
MIC Inputs to LINE_OUT 3.3V @ MIC In
= 1 Vrms and @ gain setting of 0dB
-
0.5
0.5
0.5
0.5
0.5
-
Vrms
Vrms
Vrms
Vrms
Vrms
Analog S/N:
CD to LINE_OUT 3.3V
Other to LINE_OUT 3.3V
-
90
90
-
Analog Frequency Response
2
20
-
20,000
Hz
Digital S/N
3
D/A 3.3V
A/D 3.3V
85
75
90
85
-
-
Total Harmonic Distortion:
Line Output
4
-
-
0.02
%
D/A & A/D Frequency Response
5
20
-
19,200
Hz
Transition Band
19,200
-
28,800
Hz
Stop Band
28,800
-
∞
Hz
Stop Band Rejection
6
+85
-
−
dB
Out-of-Band Rejection
7
-
+40
−
dB
Group Delay
-
-
1
ms
Power Supply Rejection Ratio (1kHz)
-
+40
−
dB
Crosstalk between Input channels
-
-
-70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com