Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 35Page - Hynix Semiconductor STAC9704 Datasheet HTML 36Page - Hynix Semiconductor STAC9704 Datasheet HTML 37Page - Hynix Semiconductor STAC9704 Datasheet HTML 38Page - Hynix Semiconductor STAC9704 Datasheet HTML 39Page - Hynix Semiconductor STAC9704 Datasheet HTML 40Page - Hynix Semiconductor STAC9704 Datasheet HTML 41Page - Hynix Semiconductor STAC9704 Datasheet HTML 42Page - Hynix Semiconductor STAC9704 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
39
10/02/98
8. ELECTRICAL SPECIFICATIONS:
8.1 Absolute Maximum Ratings:
Voltage on any pin relative to Ground
Vss - 0.3V TO Vdd + 0.3V
Operating Temperature
0o C TO 70o C
Storage Temperature
-55o C TO +125o C
Soldering Temperature
260o C FOR 10 SECONDS
Output Current per Pin
± 4 mA except Vrefout = ± 5mA
8.2 Recommended Operating Conditions
Table 26. Operating Conditions
PARAMETER
MIN
TYP
MAX
UNITS
Power Supplies
+ 3.3V Digital
+ 5V Digital
+ 5V Analog
+ 3.3V Analog
3.135
4.75
4.75
3.135
3.3
5
5
3.3
3.435
5.25
5.25
3.435
V
V
V
V
Ambient Temperature
0
-
70
oC
SigmaTel reserves the right to change specifications without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com