Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9704 Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # STAC9704
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9704 Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button STAC9704 Datasheet HTML 33Page - Hynix Semiconductor STAC9704 Datasheet HTML 34Page - Hynix Semiconductor STAC9704 Datasheet HTML 35Page - Hynix Semiconductor STAC9704 Datasheet HTML 36Page - Hynix Semiconductor STAC9704 Datasheet HTML 37Page - Hynix Semiconductor STAC9704 Datasheet HTML 38Page - Hynix Semiconductor STAC9704 Datasheet HTML 39Page - Hynix Semiconductor STAC9704 Datasheet HTML 40Page - Hynix Semiconductor STAC9704 Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
37
10/02/98
7.5 Signal Rise and Fall Times - (50pF external load; from 10% to 90% of Vdd)
Figure 18: Signal Rise and Fall Times
BIT_CLK
SDATA_IN
Triseclk
Tfallclk
Trisedin
Tfalldin
Table 23: Signal Rise and Fall Times
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
BIT_CLK rise time
Triseclk
2
-
6
ns
BIT_CLK fall time
Tfallclk
2
-
6
ns
SDATA_IN rise time
Trisedin
2
-
6
ns
SDATA_IN fall time
Tfalldin
2
-
6
ns
7.6
AC-link Low Power Mode Timing
BIT_CLK Stops high in violation of the AC97 specification as noted on the STAC9704/07 errata, but this
condition has not caused any known customer problems.
Figure 19: AC-link Low Power Mode Timing
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
Don't care
Slot 1
Slot 2
Write to
Data
0x20
PR4
Note: BIT_CLK not to scale
Ts2_pdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com