Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT231XQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
16
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
5 Devices Characteristics and Ratings
5.1 Absolute Maximum Ratings
The absolute maximum ratings for the FT231X devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Conditions
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-
STD-033A MSL
Level 3
Compliant)*
Hours
Ambient Operating Temperature (Power
Applied)
-40°C to 85°C
Degrees C
MTTF FT231XS
TBD
Hours
MTTF FT231XQ
TBD
Hours
VCC Supply Voltage
-0.3 to +5.5
V
VCCIO IO Voltage
-0.3 to +4.0
V
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
DC Input Voltage – High Impedance
Bi-directionals (powered from VCCIO)
-0.3 to +5.8
V
DC Output Current – Outputs
22
mA
ESD Charge Device Mode(CDM)
500
V
Class III
ESD Human Body Mode (HDM)
2000
V
Class 2
Table 5.1 Absolute Maximum Ratings
* If devices are stored out of the packaging beyond this time limit the devices should be baked before
use. The devices should be ramped up to a temperature of +125°C and baked for up to 17 hours.
5.2 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Charged Device Mode (CDM)
> ± 500V
Latch-up
> ± 200mA
Table 5.2 ESD and Latch-Up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com