Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT231XQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
30
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
X-Chip Pin
Function
EEPROM Setting
CBUS0
CBUS1
CBUS2
BCD#
PWREN#
SLEEP#
Battery Options
Battery Charger Enable
Force Power Enable
De-acticate Sleep
X
X
PWREN#
CBUS2
10
DP
DM
3V3OUT
RESET#
CBUS1
17
CBUS0
18
FT231X
BCD#
SLEEP#
GND
GND
0.1uF
0.1uF
GND
GND
600R/2A
10nF
VBUS
3V3OUT
0.1uF
0R
GND
SLD
GND
27R
27R
VBUS
1
D-
2
D+
3
GND
5
ID
4
CN USB
3V3OUT
3V3OUT
VBUS
VBUS
N.F.
1K5 - 1%
16K5 1%
GND
BCD#
4K32 1%
PWREN#
1A when connected to a dedicated charger port
0.4A when enumerated
0A when in sleep
0.1A when not enumerated and not in sleep
VCC
2
FAULT
3
TIMER
4
GND
5
NTC
6
PROG
7
SHDN
8
BAT
9
ACPR
10
CHRG
1
LTC4053EDD
GND
4.7uF
0.1uF
GND
VBUS
VBUS
GND
VBATT
GND
GND
1
TB3.5mm
NTC
0.1uF
GND
VBUS
1uF
1R
GND
VBUS
2K2
GND
JP1
1-2
2-3
NCT Enabled
NCT Available
JP1
SIP-3
NTC
GND
NCT Disabled (Default)
JUMPER-2mm
4K32 1%
+
-
NCT
SLEEP#
Figure 7.6 USB Battery Charging Detection (3 pin)
To calculate the equivalent resistance on the LTC4053 PROG pin select a charge current, then Res =
1500V/Ichg
For more configuration options of the LTC4053 refer to:
AN_175_Battery Charging Over USB
Note: If the FT231X is connected to a standard host port such that the device is enumerated the battery
charge detection signal is inactive as the device will not be in suspend.
7.5 LED Interface
Any of the CBUS I/O pins can be configured to drive an LED. The FT231X has 3 configuration options for
driving LEDs from the CBUS. These are TXLED#, RXLED#, and TX&RXLED#. Refer to Section 3.3 for
configuration options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com