Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT231XQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
2
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
1 Typical Applications
USB to RS232/RS422/RS485 Converters
Upgrading Legacy Peripherals to USB
Utilising USB to add system modularity
Incorporate USB interface to enable PC
transfers for development system
communication
Cellular and Cordless Phone USB data transfer
cables and interfaces
Interfacing MCU/PLD/FPGA based designs to
add USB connectivity
USB Audio and Low Bandwidth Video data
transfer
USB Smart Card Readers
USB Instrumentation
USB Industrial Control
USB MP3 Player Interface
USB FLASH Card Reader and Writers
Set Top Box PC - USB interface
USB Digital Camera Interface
USB Hardware Modems
USB Wireless Modems
USB Bar Code Readers
USB dongle implementations for Software/
Hardware Encryption and Wireless Modules
Detection of dedicated battery charger ports for
high current charging of batteries in portable
devices.
1.1 Driver Support
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
Windows 8 32,64-bit
Windows 7 32,64-bit
Windows XP and XP 64-bit
Windows Vista and Vista 64-bit
Windows XP Embedded
Windows CE 4.2, 5.0 and 6.0
Mac OS-X
Linux 3.2 and greater
Android
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 8 32,64-bit
Windows 7 32,64-bit
Windows XP and XP 64-bit
Windows Vista and Vista 64-bit
Windows XP Embedded
Windows CE 4.2, 5.0 and 6.0
MAC OS-X
Linux 2.6 and greater
Android
The drivers listed above are all available to download for free from FTDI website (www.ftdichip.com).
Various 3rd party drivers are also available for other operating systems - see FTDI website
(www.ftdichip.com) for details.
For driver installation, please refer to http://www.ftdichip.com/Documents/InstallGuides.htm
1.2 Part Numbers
Part Number
Package
FT231XQ-x
20 Pin QFN
FT231XS-x
20 Pin SSOP
Note: Packing codes for x is:
- R: Taped and Reel, (SSOP is 2,000pcs per reel, QFN is 5,000pcs per reel).
- U: Tube packing, 58pcs per tube (SSOP only)
- T: Tray packing, 490pcs per tray (QFN only)
For example: FT231XQ-R is 5,000pcs taped and reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com