Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT231XQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 43Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
40
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
9.5 Solder Reflow Profile
The FT231X is supplied in Pb free 20 LD SSOP and QFN-20 packages. The recommended solder reflow
profile for both package options is shown in Figure 9.5.
Figure 9.5 FT231X Solder Reflow Profile
The recommended values for the solder reflow profile are detailed in Table 9.1. Values are shown for both
a completely Pb free solder process (i.e. the FT231X is used with Pb free solder), and for a non-Pb free
solder process (i.e. the FT231X is used with non-Pb free solder).
Profile Feature
Pb Free Solder Process
Non-Pb Free Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical Temperature
TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C
60 to 150 seconds
Peak Temperature (Tp)
260°C
240°C
Time within 5°C of actual Peak Temperature
(tp)
20 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature, Tp
8 minutes Max.
6 minutes Max.
Table 9.1 Reflow Profile Parameter Values
Critical Zone: when
T is in the range
T to T
Time, t (seconds)
25
P
T = 25º C to T
tp
Tp
TL
t
Preheat
S
t
L
Ramp Up
L
p
Ramp
Down
T Max
S
T Min
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com