Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT231XQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
36
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
9 Package Parameters
The FT231X is available in two different packages. The FT231XS is the SSOP-20 option and the FT231XQ
is the QFN-20 package option. The solder reflow profile for both packages is described in Section 0.
9.1 SSOP-20 Package Mechanical Dimensions
Figure 9.1 SSOP-20 Package Dimensions
The FT231XS is supplied in a RoHS compliant 20 pin SSOP package. The package is lead (Pb) free and
uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 8.66mm x 3.91mm body (8.66mm x 5.99mm including pins). The pins are on a
0.635 mm pitch. The above mechanical drawing shows the SSOP-20 package.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com