Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT231XQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
Future Technology
Devices International Ltd.
FT231X
(USB to FULL HANDSHAKE UART IC)
The FT231X is a USB to serial UART
interface with full modem control and
the following advanced features:
Single chip USB to asynchronous serial data
transfer interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully
integrated
2048
byte
multi-time-
programmable (MTP) memory, storing device
descriptors and CBUS I/O configuration.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling glue-less interface
to external MCU or FPGA.
Data transfer rates from 300 baud to 3 Mbaud
(RS422, RS485, and RS232 ) at TTL levels.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP)
and Direct (D2XX) drivers eliminate the
requirement for USB driver development in
most cases.
Configurable CBUS I/O pins.
Transmit and receive LED drive signals.
UART interface support for 7 or 8 data bits, 1
or 2 stop bits and odd / even / mark / space
no parity
Synchronous and asynchronous bit bang
interface options with RD# and WR# strobes.
USB Battery Charger Detection. Allows for USB
peripheral devices to detect the presence of a
higher
power
source
to
enable
improved
charging.
Device supplied pre-programmed with unique
USB serial number.
USB
Power
Configurations;
supports
bus-
powered, self-powered and bus-powered with
power switching
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
Operates down to 1V8 with external pull-ups.
Tolerant of 5V input.
Configurable I/O pin output drive strength; 4
mA(min) and 16 mA(max).
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
UART signal inversion option.
+ 5V Single Supply Operation.
Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA
(active-typ) and 125uA (suspend-typ).
UHCI/OHCI/EHCI host controller compatible
USB 2.0 Full Speed capable.
Extended operating temperature range; -40 to
85⁰C.
Available in compact, Pb-free, 20 Pin SSOP and
QFN packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT231XQ-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
FT231XQ-x ETC2-FT231XQ-x Datasheet
830Kb / 44P
Future Technology Devices International Ltd FT231X
logo
Future Technology Devic...
FT231XQ-X FTDI-FT231XQ-X Datasheet
829Kb / 44P
Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
2013 Version 1.2
More results

Similar Description - FT231XQ-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
UMFT231XE FTDI-UMFT231XE Datasheet
773Kb / 18P
UMFT231XE USB to Full-Handshake UART Development Module
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
Full-Speed USB to UART converter
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
logo
Future Technology Devic...
FT231X FTDI-FT231X Datasheet
829Kb / 44P
Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
2013 Version 1.2
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
USB UART IC
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com