Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT231XQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
33
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
Parameter
Value
Notes
CBUS Drive Current
Strength
4mA
Options are 4mA, 8mA, 12mA, 16mA
CBUS slew rate
Slow
Options are slow or fast
CBUS Schmitt Trigger
Enable
Normal
Options are normal or Schmitt
Load VCP Driver
Enabled**
Makes the device load the VCP driver interface for
the device.
CBUS0
TXDEN
Default configuration of CBUS0 – Transmit data
enable for RS485
CBUS1
RXLED#
Default configuration of CBUS1 – Receive LED drive.
CBUS2
TXLED#
Default configuration of CBUS2 – Transmit LED
drive.
CBUS3
SLEEP#
Default configuration of CBUS3 – SLEEP#. Logic 0
when the device is in suspend.
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Invert DTR#
Disabled
Signal on this pin becomes DTR if enable.
Invert DSR#
Disabled
Signal on this pin becomes DSR if enable.
Invert DCD#
Disabled
Signal on this pin becomes DCD if enable.
Invert RI#
Disabled
Signal on this pin becomes RI if enable.
Table 8.1 Default Internal MTP Memory Configuration
**VCP disabled in Rev B silicon in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com