Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT231XQ-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT231XQ-R
Description  USB to FULL HANDSHAKE UART IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT231XQ-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT231XQ-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT231XQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
7 Application Examples
The following sections illustrate possible applications of the FT231X. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT231XS and FT231XQ package
options.
7.1 USB to RS232 Converter
FT231X
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC
RESET#
100nF
100nF
10nF
4.7uF
+
SLEEP#
CBUS1
CBUS2
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
TXDATA
RXDATA
RTS
CTS
DTR
DSR
DCD
RI
TXLED
RXLED
VCC
VCC
270R
270R
GND
RI
DTR
CTS
TXDATA
RTS
RXDATA
DSR
DCD
DB9M
SHIELD
10
5
9
4
8
3
7
2
6
1
SHDN#
CBUS0
TXD
RXD
RTS#
CTS#
DTR#
RI#
DCD#
DSR#
27R
27R
GND
47pF
47pF
NOTE: If design uses VCCIO < 3V3 then 10k pullup to VCCIO is required on IO lines
Figure 7.1 Application Example showing USB to RS232 Converter
An example of using the FT231X as a USB to RS232 converter is illustrated in Figure 7.1. In this
application, a 3V3 TTL to RS232 Level Converter IC is used on the serial UART interface of the FT231X to
convert the 3V3 levels of the FT231X to RS232 levels. This level shift can be done using line drivers from
a variety of vendors e.g. Zywyn. A useful feature on some of these devices is the SHDN# pin which can
be used to power down the device to a low quiescent current during USB suspend mode.
A suitable level shifting device is the Zywyn ZT3243F which is capable of RS232 communication at up to
1000k baud.
In example shown, the CBUS0 and CBUS1 have been configured as TXLED# and RXLED# and are being
used to drive two LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com