Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 1 Page - Intel Corporation

  80960HD Datasheet HTML 1Page - Intel Corporation 80960HD Datasheet HTML 2Page - Intel Corporation 80960HD Datasheet HTML 3Page - Intel Corporation 80960HD Datasheet HTML 4Page - Intel Corporation 80960HD Datasheet HTML 5Page - Intel Corporation 80960HD Datasheet HTML 6Page - Intel Corporation 80960HD Datasheet HTML 7Page - Intel Corporation 80960HD Datasheet HTML 8Page - Intel Corporation 80960HD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
80960HA/HD/HT 32-Bit High-Performance
Superscalar Processor
Data Sheet
Advance Information
Product Features
s
32-Bit Parallel Architecture
— Load/Store Architecture
— Sixteen 32-Bit Global Registers
— Sixteen 32-Bit Local Registers
—1.28 Gbyte Internal Bandwidth
(80 MHz)
— On-Chip Register Cache
s
Processor Core Clock
— 80960HA is 1x Bus Clock
— 80960HD is 2x Bus Clock
—80960HT is 3x Bus Clock
s
Binary Compatible with Other 80960
Processors
s
Issue Up To 150 Million Instructions per
Second
s
High-Performance On-Chip Storage
— 16 Kbyte Four-Way Set-Associative
Instruction Cache
— 8 Kbyte Four-Way Set-Associative Data
Cache
— 2 Kbyte General Purpose RAM
— Separate 128-Bit Internal Paths For
Instructions/Data
s
3.3 V Supply Voltage
— 5 V Tolerant Inputs
— TTL Compatible Outputs
s
Guarded Memory Unit
— Provides Memory Protection
— User/Supervisor Read/Write/Execute
s
32-Bit Demultiplexed Burst Bus
— Per-Byte Parity Generation/Checking
— Address Pipelining Option
— Fully Programmable Wait State
Generator
— Supports 8-, 16- or 32-Bit Bus Widths
— 160 Mbyte/s External Bandwidth
(40 MHz)
s
High-Speed Interrupt Controller
— Up to 240 External Interrupts
— 31 Fully Programmable Priorities
— Separate, Non-maskable Interrupt Pin
s
Dual On-Chip 32-Bit Timers
— Auto Reload Capability and One-Shot
— CLKIN Prescaling, ÷1, 2, 4 or 8
— JTAG Support - IEEE 1149.1 Compliant
Order Number: 272495-007
July, 1998
Notice: This document contains information on products in the sampling and initial production
phases of development. The specifications are subject to change without notice. Verify with your
local Intel sales office that you have the latest datasheet before finalizing a design.


Similar Part No. - 80960HD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960 INTEL-80960 Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Festo Corporation.
8096057 FESTO-8096057 Datasheet
70Kb / 1P
Axial kit
1/24/23
logo
Intel Corporation
80960CA-16 INTEL-80960CA-16 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-16 INTEL-80960CA-16 Datasheet
977Kb / 68P
80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
More results

Similar Description - 80960HD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
30-May-2008
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
28-Jul-2008
logo
Freescale Semiconductor...
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
Superscalar 32-Bit Microprocessors
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
High Performance 32-bit processor up to 48 MHz
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
High Performance 32-bit processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com