Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 25 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 21Page - Intel Corporation 80960HD Datasheet HTML 22Page - Intel Corporation 80960HD Datasheet HTML 23Page - Intel Corporation 80960HD Datasheet HTML 24Page - Intel Corporation 80960HD Datasheet HTML 25Page - Intel Corporation 80960HD Datasheet HTML 26Page - Intel Corporation 80960HD Datasheet HTML 27Page - Intel Corporation 80960HD Datasheet HTML 28Page - Intel Corporation 80960HD Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
19
Table 10. 80960Hx PQ4 Pinout — Signal Name Order (Sheet 1 of 2)
Signal Name
PQ4
Pin
Signal Name
PQ4
Pin
Signal Name
PQ4
Pin
Signal Name
PQ4
Pin
A2
151
BE0
83
D16
39
PCHK
189
A3
150
BE1
82
D17
40
READY
68
A4
147
BE2
79
D18
41
RESET
174
A5
146
BE3
78
D19
42
STEST
208
A6
145
BLAST
84
D20
45
SUP
97
A7
144
BOFF
10
D21
50
TCK
194
A8
141
BREQ
100
D22
51
TDI
191
A9
140
BSTALL
91
D23
52
TDO
188
A10
139
BTERM
67
D24
54
TMS
192
A11
138
CLKIN
175
D25
55
TRST
193
A12
135
CT0
183
D26
56
VCC
1
A13
134
CT1
182
D27
57
VCC
4
A14
133
CT2
181
D28
61
VCC
9
A15
132
CT3
180
D29
62
VCC
11
A16
127
D/C
96
D30
63
VCC
17
A17
126
D0
12
D31
64
VCC
19
A18
125
D1
13
DEN
85
VCC
25
A19
124
D2
14
DP0
206
VCC
31
A20
121
D3
15
DP1
207
VCC
33
A21
120
D4
20
DP2
203
VCC
38
A22
119
D5
21
DP3
202
VCC
44
A23
118
D6
22
DT/R
89
VCC
46
A24
113
D7
23
FAIL
5
VCC
49
A25
112
D8
26
——
VCC
59
A26
111
D9
27
——
VCC
60
A27
110
D10
28
——
VCC
66
A28
107
D11
29
HOLD
69
VCC
71
A29
106
D12
34
HOLDA
72
VCC
74
A30
105
D13
35
LOCK
99
VCC
76
A31
104
D14
36
NMI
159
VCC
81
ADS
77
D15
37
ONCE
6
VCC
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com