Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 7 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 7 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 3Page - Intel Corporation 80960HD Datasheet HTML 4Page - Intel Corporation 80960HD Datasheet HTML 5Page - Intel Corporation 80960HD Datasheet HTML 6Page - Intel Corporation 80960HD Datasheet HTML 7Page - Intel Corporation 80960HD Datasheet HTML 8Page - Intel Corporation 80960HD Datasheet HTML 9Page - Intel Corporation 80960HD Datasheet HTML 10Page - Intel Corporation 80960HD Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
1
1.0
About This Document
This document describes the parametric performance of Intel’s 80960Hx embedded superscalar
microprocessors. Detailed descriptions for functional topics — other than parametric performance
— are published in the i960® Hx Microprocessor User’s Guide (272484).
In this document, “80960Hx” and “i960 Hx processor” refer to the products described in Table 1.
Throughout this document, information that is specific to each is clearly indicated.
2.0
Intel’s 80960Hx Processor
Intel’s 80960Hx processor provides new performance levels while maintaining backward
compatibility (pin1 and software) with the i960 CA/CF processor. This newest member of the family
of i960 32-bit, RISC-style, embedded processors allows customers to create scalable designs that
meet multiple price and performance points. This is accomplished by providing processors that can
run at the bus speed or faster using Intel’s clock multiplying technology (Table 1).The 80960Hx core
is capable of issuing 150 million instructions per second, using a sophisticated instruction scheduler
that allows the processor to sustain a throughput of two instructions every core clock, with a peak
performance of three instructions per clock. The 80960Hx-series comprises three processors, which
differ in the ratio of core clock speed to external bus speed.
1.
The 80960Hx is not “drop-in” compatible in an 80960Cx-based system. Customers can design systems that accept either 80960Hx or Cx
processors.
Figure 1. 80960Hx Block Diagram
Execution Unit
Programmable
Bus Controller
Bus Request Queues
Six-Port Register File
32-bit Base Bus
Instruction Cache
128-Bit Cache Bus
Instruction Prefetch Queue
Interrupt Controller
Control
Address
Data
Memory-Side
Machine Bus
Register-Side
Machine Bus
Memory Region Configuration
Multiply/Divide Unit
Interrupt
Port
Address Generation Unit
Data Cache
16 Kbyte, Four-Way Set-Associative
8 Kbyte, Four-Way Set-Associative
Guarded Memory Unit
Timers
JTAG Port
Parallel Instruction Scheduler
Data RAM - 2 Kbyte
Register Cache- 5to15sets
64-bit SRC1 Bus
64-bit SRC2 Bus
64-bit DST Bus
128-bit Load Bus
128-bit Store Bus
Table 1.
80960Hx Product Description
Product
Core
Voltage
Operating Frequency (bus/core)
80960HA
1x
3.3 V*
25/25, 33/33, 40/40
80960HD
2x
3.3 V*
16/32, 25/50, 33/66, 40/80
80960HT
3x
3.3 V*
20/60, 25/75
*Processor inputs are 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com