Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 39 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 39 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 35Page - Intel Corporation 80960HD Datasheet HTML 36Page - Intel Corporation 80960HD Datasheet HTML 37Page - Intel Corporation 80960HD Datasheet HTML 38Page - Intel Corporation 80960HD Datasheet HTML 39Page - Intel Corporation 80960HD Datasheet HTML 40Page - Intel Corporation 80960HD Datasheet HTML 41Page - Intel Corporation 80960HD Datasheet HTML 42Page - Intel Corporation 80960HD Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
33
ICC5
Current
on the
VCC5 Pin
80960HA
80960HD
80960HT
200
200
200
µA
(9)
CIN
Input Capacitance for:
PQ4
PGA
12
12
pF
pF
FC = 1 MHz (10)
COUT
Output Capacitance of each
output pin
12
pF
FC = 1 MHz (3,10)
CI/O
I/O Pin Capacitance
12
pF
FC = 1 MHz (10)
RPU
Internal Pull-Up Resistance
for ONCE,TMS,TDI and
TRST
30
65
100
k
Ω
NOTES:
1. ICC Maximum is measured at worst case frequency, VCC, and temperature, with device operating and
outputs loaded to the test conditions described in Section 4.7.1, “AC Test Conditions” on page 37.
2. ICC Typical is not tested.
3. Output Capacitance is the capacitive load of a floating output.
4. Measured with device operating and outputs loaded to the test conditions in Figure 8 “AC Test Load” on
page 37. Input signals rise to VCC and fall to VSS.
5. ICC Active (Power Supply) value is provided for selecting your system’s power supply. It is measured using
one of the worst case instruction mixes with VCC = 3.45 V. This parameter is characterized but not tested.
6. ICC Active (Thermal) value is provided for your system’s thermal management. Typical ICC is measured with
VCC = 3.3 V and temperature = 25°C. This parameter is characterized but not tested.
7. ICC Test (Power modes) refers to the ICC values that are tested when the 80960HA/HD/HT is in Reset mode
or ONCE mode with VCC =3.45 V.
8. Worst case is VCC =3.45V, 0°C.
9. ICC5 is tested at VCC =3.0 V, VCC5 =5.25V.
10.Pin capacitance is characterized, but not tested.
Table 21. 80960Hx DC Characteristics (Sheet 2 of 2)
Per the conditions described in Section 4.3, “Recommended Connections” on page 30.
Symbol
Parameter
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com