Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 27 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 23Page - Intel Corporation 80960HD Datasheet HTML 24Page - Intel Corporation 80960HD Datasheet HTML 25Page - Intel Corporation 80960HD Datasheet HTML 26Page - Intel Corporation 80960HD Datasheet HTML 27Page - Intel Corporation 80960HD Datasheet HTML 28Page - Intel Corporation 80960HD Datasheet HTML 29Page - Intel Corporation 80960HD Datasheet HTML 30Page - Intel Corporation 80960HD Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
21
Table 11. 80960Hx PQ4 Pinout — Pin Number Order (Sheet 1 of 2)
PQ4
Pin
Signal Name
PQ4
Pin
Signal Name
PQ4
Pin
Signal Name
PQ4
Pin
Signal Name
1
VCC
31
VCC
61
D28
91
BSTALL
2
VSS
32
VSS
62
D29
92
VCC
3
VSS
33
VCC
63
D30
93
VSS
4
VCC
34
D12
64
D31
94
VSS
5
FAIL
35
D13
65
VSS
95
VCC
6
ONCE
36
D14
66
VCC
96
D/C
7
VSS
37
D15
67
BTERM
97
SUP
8
VSS
38
VCC
68
READY
98
VSS
9
VCC
39
D16
69
HOLD
99
LOCK
10
BOFF
40
D17
70
VSS
100
BREQ
11
VCC
41
D18
71
VCC
101
VCC
12
D0
42
D19
72
HOLDA
102
VCC
13
D1
43
VSS
73
VSS
103
VSS
14
D2
44
VCC
74
VCC
104
A31
15
D3
45
D20
75
VSS
105
A30
16
VSS
46
VCC
76
VCC
106
A29
17
VCC
47
VSS
77
ADS
107
A28
18
VSS
48
VSS
78
BE3
108
VSS
19
VCC
49
VCC
79
BE2
109
VCC
20
D4
50
D21
80
VSS
110
A27
21
D5
51
D22
81
VCC
111
A26
22
D6
52
D23
82
BE1
112
A25
23
D7
53
VSS
83
BE0
113
A24
24
VSS
54
D24
84
BLAST
114
VSS
25
VCC
55
D25
85
DEN
115
VCC
26
D8
56
D26
86
VSS
116
VSS
27
D9
57
D27
87
VCC
117
VCC
28
D10
58
VSS
88
W/R
118
A23
29
D11
59
VCC
89
DT/R
119
A22
30
VSS
60
VCC
90
WAIT
120
A21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com