Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 4 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 4 Page - Intel Corporation

  80960HD Datasheet HTML 1Page - Intel Corporation 80960HD Datasheet HTML 2Page - Intel Corporation 80960HD Datasheet HTML 3Page - Intel Corporation 80960HD Datasheet HTML 4Page - Intel Corporation 80960HD Datasheet HTML 5Page - Intel Corporation 80960HD Datasheet HTML 6Page - Intel Corporation 80960HD Datasheet HTML 7Page - Intel Corporation 80960HD Datasheet HTML 8Page - Intel Corporation 80960HD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
80960HA/HD/HT
iv
Advance Information Datasheet
Figures
1
80960Hx Block Diagram .......................................................................................1
2
80960Hx 168-Pin PGA Pinout — View from Top (Pins Facing Down) ...............12
3
80960Hx 168-Pin PGA Pinout — View from Bottom (Pins Facing Up) ...............13
4
80960Hx 208-Pin PQ4 Pinout .............................................................................18
5
Measuring 80960Hx PGA Case Temperature ....................................................23
6
80960Hx Device Identification Register ..............................................................26
7
VCC5 Current-Limiting Resistor ..........................................................................30
8
AC Test Load ......................................................................................................37
9
CLKIN Waveform ................................................................................................38
10
Output Delay Waveform ......................................................................................38
11
Output Delay Waveform ......................................................................................38
12
Output Float Waveform .......................................................................................39
13
Input Setup and Hold Waveform .........................................................................39
14
NMI,XINT7:0 Input Setup and Hold Waveform ..................................................39
15
Hold Acknowledge Timings .................................................................................40
16
Bus Backoff (BOFF) Timings ..............................................................................40
17
TCK Waveform....................................................................................................41
18
Input Setup and Hold Waveforms for TBSIS1 and TBSIH1 ....................................41
19
Output Delay and Output Float for TBSOV1 and TBSOF1......................................42
20
Output Delay and Output Float Waveform for TBSOV2 and TBSOF2 ....................42
21
Input Setup and Hold Waveform for TBSIS2 and TBSIH2 ......................................42
22
Rise and Fall Time Derating at 85°C and Minimum VCC ....................................43
23
ICC Active (Power Supply) vs. Frequency ...........................................................43
24
ICC Active (Thermal) vs. Frequency ....................................................................44
25
Output Delay or Hold vs. Load Capacitance .......................................................44
26
Output Delay vs. Temperature ............................................................................45
27
Output Hold Times vs. Temperature ...................................................................45
28
Output Delay vs. VCC ..........................................................................................45
29
Cold Reset Waveform .........................................................................................46
30
Warm Reset Waveform .......................................................................................47
31
Entering ONCE Mode .........................................................................................48
32
Non-Burst, Non-Pipelined Requests without Wait States ...................................49
33
Non-Burst, Non-Pipelined Read Request with Wait States.................................50
34
Non-Burst, Non-Pipelined Write Request with Wait States .................................51
35
Burst, Non-Pipelined Read Request without Wait States, 32-Bit Bus .................52
36
Burst, Non-Pipelined Read Request with Wait States, 32-Bit Bus ......................53
37
Burst, Non-Pipelined Write Request without Wait States, 32-Bit Bus .................54
38
Burst, Non-Pipelined Write Request with Wait States, 32-Bit Bus ......................55
39
Burst, Non-Pipelined Read Request with Wait States, 16-Bit Bus ......................56
40
Burst, Non-Pipelined Read Request with Wait States, 8-Bit Bus ........................57
41
Non-Burst, Pipelined Read Request without Wait States, 32-Bit Bus .................58
42
Non-Burst, Pipelined Read Request with Wait States, 32-Bit Bus ......................59
43
Burst, Pipelined Read Request without Wait States, 32-Bit Bus.........................60
44
Burst, Pipelined Read Request with Wait States, 32-Bit Bus..............................61
45
Burst, Pipelined Read Request with Wait States, 8-Bit Bus................................62
46
Burst, Pipelined Read Request with Wait States, 16-Bit Bus..............................63
47
Using External READY........................................................................................64
48
Terminating a Burst with BTERM ........................................................................65
49
BREQ and BSTALL Operation ............................................................................66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com