Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 10 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 10 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 6Page - Intel Corporation 80960HD Datasheet HTML 7Page - Intel Corporation 80960HD Datasheet HTML 8Page - Intel Corporation 80960HD Datasheet HTML 9Page - Intel Corporation 80960HD Datasheet HTML 10Page - Intel Corporation 80960HD Datasheet HTML 11Page - Intel Corporation 80960HD Datasheet HTML 12Page - Intel Corporation 80960HD Datasheet HTML 13Page - Intel Corporation 80960HD Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
80960HA/HD/HT
4
Advance Information Datasheet
2.2.6
Dual Programmable Timers
The processor provides two independent 32-bit timers, with four programmable clock rates. The
user configures the timers via the Timer Unit registers. These registers are memory-mapped within
the 80960Hx, addressable on 32-bit boundaries. The timers have a single-shot mode and
auto-reload capabilities for continuous operation. Each timer has an independent interrupt request
to the processor’s interrupt controller.
2.2.7
Processor Self Test
When a system error is detected, the FAIL pin is asserted, a fail code message is driven onto the
address bus, and the processor stops execution at the point of failure. The only way to resume
normal operation is to perform a RESET operation. Because System Error generation can occur
sometime after the bus confidence test and even after initialization during normal processor
operation, the FAIL pin is HIGH (logic “1”) before the detection of a System Error.
The processor uses only one read bus-transaction to signal the fail code message; the address of the
bus transaction is the fail code itself. The fail code is of the form: 0xfeffffnn; bits 6 to 0 contain a
mask recording the possible failures. Bit 7, when set to 1, indicates that the mask contains failures
from the internal Built-In Self-Test (BIST); when 0, the mask indicates other failures.
Ignore reserved bits 0 and 1. Also ignore bits 5 and 6 when bit 7 is clear (=0).
The mask is shown in Table 2 and Table 3.
Table 2.
Fail Codes For BIST (bit 7 = 1)
Bit
When Set:
6
On-chip Data-RAM failure detected by BIST.
5
Internal Microcode ROM failure detected by BIST.
4
Instruction cache failure detected by BIST.
3
Data cache failure detected by BIST.
2
Local-register cache or processor core failure detected by BIST.
1
Reserved. Always zero.
0
Reserved. Always zero.
Table 3.
Remaining Fail Codes (bit 7 = 0)
Bit
When Set:
6
Reserved. Always one.
5
Reserved. Always one.
4
A data structure within the IMI is not aligned to a word boundary.
3
A System Error during normal operation has occurred.
2
The Bus Confidence test has failed.
1
Reserved. Always zero.
0
Reserved. Always zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com