Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960HD Datasheet(PDF) 33 Page - Intel Corporation

Part # 80960HD
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960HD Datasheet(HTML) 33 Page - Intel Corporation

Back Button 80960HD Datasheet HTML 29Page - Intel Corporation 80960HD Datasheet HTML 30Page - Intel Corporation 80960HD Datasheet HTML 31Page - Intel Corporation 80960HD Datasheet HTML 32Page - Intel Corporation 80960HD Datasheet HTML 33Page - Intel Corporation 80960HD Datasheet HTML 34Page - Intel Corporation 80960HD Datasheet HTML 35Page - Intel Corporation 80960HD Datasheet HTML 36Page - Intel Corporation 80960HD Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
27
Table 16. Fields of 80960Hx Device ID
Field
Value
Definition
Version
See Table 18
Indicates major stepping changes.
VCC
1 = 3.3 V device
Indicates that a device is 3.3 V.
Product Type
00 0100
(Indicates i960 CPU)
Designates type of product.
Generation Type
0010 = H-series
Indicates the generation (or series) the product belongs to.
Model
See Table 17
Indicates member within a series and specific model
information.
Manufacturer ID
000 0000 1001
(Indicates Intel)
Manufacturer ID assigned by IEEE.
Table 17. 80960Hx Device ID Model Types
Device
Version
VCC
Product
Gen.
Model
Manufacturer ID
‘1’
80960HA
See
Table 18
1
000100
0010
00000
00000001001
1
80960HD
1
000100
0010
00001
00000001001
1
80960HT
1
000100
0010
00010
00000001001
1
Table 18. Device ID Version Numbers for Different Steppings
Stepping
Version
A0
0000
A1
0001
A2
0001
B0, B2
0010
This data sheet applies to the B2 stepping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com