Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 1 Page - Intel Corporation

  80960KA Datasheet HTML 1Page - Intel Corporation 80960KA Datasheet HTML 2Page - Intel Corporation 80960KA Datasheet HTML 3Page - Intel Corporation 80960KA Datasheet HTML 4Page - Intel Corporation 80960KA Datasheet HTML 5Page - Intel Corporation 80960KA Datasheet HTML 6Page - Intel Corporation 80960KA Datasheet HTML 7Page - Intel Corporation 80960KA Datasheet HTML 8Page - Intel Corporation 80960KA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Intel Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in an Intel product. No other circuit patent
licenses are implied. Information contained herein supersedes previously published specifications on these devices from Intel.
May 1993
© INTEL CORPORATION, 1993
Order Number: 270775-005
80960KA
EMBEDDED 32-BIT MICROPROCESSOR
The 80960KA is a member of Intel’s i960® 32-bit processor family, which is designed especially for embedded
applications. It includes a 512-byte instruction cache and a built-in interrupt controller. The 80960KA has a large
register set, multiple parallel execution units and a high-bandwidth burst bus. Using advanced RISC technology,
this high performance processor is capable of execution rates in excess of 9.4 million instructions per second
*.
The 80960KA is well-suited for a wide range of applications including non-impact printers, I/O control and
specialty instrumentation.
Figure 1. The 80960KA Processor’s Highly Parallel Architecture
* Relative to Digital Equipment Corporation’s VAX-11/780 at 1 MIPS (VAX-11™ is a trademark of Digital Equipment
Corporation)
s High-Performance Embedded Architecture
— 25 MIPS Burst Execution at 25 MHz
— 9.4 MIPS* Sustained Execution at 25 MHz
s 512-Byte On-Chip Instruction Cache
— Direct Mapped
— Parallel Load/Decode for Uncached Instruc-
tions
s Multiple Register Sets
— Sixteen Global 32-Bit Registers
— Sixteen Local 32-Bit Registers
— Four Local Register Sets Stored On-Chip
— Register Scoreboarding
s 4 Gigabyte, Linear Address Space
s Pin Compatible with 80960KB
s Built-in Interrupt Controller
— 31 Priority Levels, 256 Vectors
— 3.4 µs Latency @ 25 MHz
s Easy to Use, High Bandwidth 32-Bit Bus
— 66.7 Mbytes/s Burst
— Up to 16 Bytes Transferred per Burst
s 132-Lead Packages:
— Pin Grid Array (PGA)
— Plastic Quad Flat-Pack (PQFP)
SIXTEEN
32-BIT GLOBAL
REGISTERS
64- BY 32-BIT
LOCAL
REGISTER
CACHE
32-BIT
INSTRUCTION
EXECUTION
UNIT
INSTRUCTION
FETCH UNIT
512-BYTE
INSTRUCTION
CACHE
INSTRUCTION
DECODER
MICRO-
INSTRUCTION
SEQUENCER
MICRO-
INSTRUCTION
ROM
32-BIT
BUS
CONTROL
LOGIC
32-BIT
BURST
BUS


Similar Part No. - 80960KA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960KB INTEL-80960KB Datasheet
418Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
80960KB INTEL-80960KB Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
80960KB INTEL-80960KB Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
More results

Similar Description - 80960KA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960SA INTEL-80960SA Datasheet
374Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
80960JA INTEL-80960JA Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com