Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 2 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 2 Page - Intel Corporation

  80960KA Datasheet HTML 1Page - Intel Corporation 80960KA Datasheet HTML 2Page - Intel Corporation 80960KA Datasheet HTML 3Page - Intel Corporation 80960KA Datasheet HTML 4Page - Intel Corporation 80960KA Datasheet HTML 5Page - Intel Corporation 80960KA Datasheet HTML 6Page - Intel Corporation 80960KA Datasheet HTML 7Page - Intel Corporation 80960KA Datasheet HTML 8Page - Intel Corporation 80960KA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ii
1.0 THE i960® PROCESSOR ................................ 1
1.1. Key Performance Features .......................... 2
1.1.1. Memory Space And Addressing Modes . 4
1.1.2. Data Types ............................................. 4
1.1.3. Large Register Set ................................. 4
1.1.4. Multiple Register Sets ............................ 5
1.1.5. Instruction Cache ................................... 5
1.1.6. Register Scoreboarding ......................... 5
1.1.7. High Bandwidth Local Bus ..................... 6
1.1.8. Interrupt Handling ................................... 6
1.1.9. Debug Features ..................................... 6
1.1.10. Fault Detection ..................................... 7
1.1.11. Built-in Testability ................................. 7
1.1.12. CHMOS ................................................ 7
2.0 ELECTRICAL SPECIFICATIONS .................. 10
2.1. Power and Grounding ................................ 10
2.2. Power Decoupling Recommendations ....... 10
2.3. Connection Recommendations .................. 11
2.4. Characteristic Curves ................................. 11
2.5. Test Load Circuit ........................................ 14
2.6. Absolute Maximum Ratings ....................... 15
2.7. DC Characteristics ..................................... 15
2.8. AC Specifications ....................................... 16
2.8.1. AC Specification Tables ....................... 17
3.0 MECHANICAL DATA ..................................... 21
3.1. Packaging .................................................. 21
3.1.1. Pin Assignment .................................... 21
3.2. Pinout ......................................................... 25
3.3. Package Thermal Specification ................. 29
4.0. WAVEFORMS ............................................... 33
5.0. REVISION HISTORY ..................................... 38
FIGURES
Figure 1.
The 80960KA Processor’s Highly
Parallel Architecture ............................ i
Figure 2.
80960KA Programming
Environment ........................................ 1
Figure 3.
Instruction Formats ............................. 4
Figure 4.
Multiple Register Sets Are Stored
On-Chip ............................................... 6
Figure 5.
Connection Recommendations
for Low Current Drive Network .......... 11
Figure 6.
Connection Recommendations
for High Current Drive Network ......... 11
Figure 7.
Typical Supply Current vs.
Case Temperature ............................ 12
Figure 8.
Typical Current vs. Frequency
(Room Temp) .................................... 12
Figure 9.
Typical Current vs. Frequency
(Hot Temp) ........................................ 13
Figure 10.
Worst-Case Voltage vs. Output
Current on Open-Drain Pins .............. 13
Figure 11.
Capacitive Derating Curve ................ 13
Figure 12.
Test Load Circuit for Three-State
Output Pins ...................................... 14
Figure 13.
Test Load Circuit for Open-Drain
Output Pins ...................................... 14
Figure 14.
Drive Levels and Timing Relationships
for 80960KA Signals ......................... 16
Figure 15.
Processor Clock Pulse (CLK2) .......... 20
Figure 16.
RESET Signal Timing ....................... 20
Figure 17.
32-Lead Pin-Grid Array
(PGA) Package ................................. 21
Figure 18.
80960KA PGA Pinout—View from
Bottom (Pins Facing Up) ................... 22
Figure 19.
80960KA PGA Pinout—View from
Top (Pins Facing Down) .................... 23
Figure 20.
80960KA 132-Lead Plastic Quad
Flat-Pack (PQFP) Package ............... 23
Figure 21.
PQFP Pinout - View From Top .......... 24
Figure 22.
HOLD Timing .................................... 30
Figure 23.
16 MHz Maximum Allowable
Ambient Temperature ....................... 31
80960KA
EMBEDDED 32-BIT MICROPROCESSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com