Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 32 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 32 Page - Intel Corporation

Back Button 80960KA Datasheet HTML 28Page - Intel Corporation 80960KA Datasheet HTML 29Page - Intel Corporation 80960KA Datasheet HTML 30Page - Intel Corporation 80960KA Datasheet HTML 31Page - Intel Corporation 80960KA Datasheet HTML 32Page - Intel Corporation 80960KA Datasheet HTML 33Page - Intel Corporation 80960KA Datasheet HTML 34Page - Intel Corporation 80960KA Datasheet HTML 35Page - Intel Corporation 80960KA Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
80960KA
29
3.3.
Package Thermal Specification
The 80960KA is specified for operation when case
temperature is within the range 0°C to 85°C (PGA) or
0°C to 100°C (PQFP). Measure case temperature at
the top center of the package. Ambient temperature
can be calculated from:
TJ = TC + P*θjc
TA = TJ + P*θja
TC = TA + P*[θja−θjc]
Values for
θ
ja and θjc for various airflows are given in
Table 13 for the PGA package and in Table 14 for the
PQFP package. The PGA’s
θ
ja can be reduced by
adding a heatsink. For the PQFP, however, a heatsink
is not generally used since the device is intended to
be surface mounted.
Maximum
allowable
ambient
temperature
(TA)
permitted without exceeding TC is shown by the
graphs in Figures 23, 24, 25 and 26. The curves
assume the maximum permitted supply current (ICC)
at each speed, VCC of +5.0 V and a TCASE of +85°C
(PGA) or +100°C (PQFP).
If the 80960KA is to be used in a harsh environment
where the ambient temperature may exceed the limits
for the normal commercial part, consider using an
extended temperature device. These components are
designated by the prefix “TA” and are available at 16,
20 and 25 MHz in the ceramic PGA package.
Extended operating temperature range is –40° C to
+125°C (case).
Figure 26 shows the maximum allowable ambient
temperature for the 20 MHz extended temperature
TA80960KA at various airflows. The curve assumes
an ICC of 420 mA, VCC of 5.0 V and a TCASE of
+125°C.
Table 13. 80960KA PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
θ Junction-to-Case
2
2
2
2
2
2
2
θ Case-to-Ambient
(No Heatsink)
19
18
17
15
12
10
9
θ Case-to-Ambient
(Omnidirectional
Heatsink)
16
15
14
12
9
7
6
θ Case-to-Ambient
(Unidirectional
Heatsink)
15
14
13
11
8
6
5
NOTES:
1.
This table applies to 80960KA PGA plugged into
socket or soldered directly to board.
2.
θ
JA = θJC + θCA
3.
θ
J-CAP = 4°C/W (approx.)
θ
J-PIN = 4°C/W (inner pins) (approx.)
θ
J-PIN = 8°C/W (outer pins) (approx.)
θ
JC
θ
JA
θ
J-PIN
θ
J-CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com