Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 41 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 41 Page - Intel Corporation

Back Button 80960KA Datasheet HTML 35Page - Intel Corporation 80960KA Datasheet HTML 36Page - Intel Corporation 80960KA Datasheet HTML 37Page - Intel Corporation 80960KA Datasheet HTML 38Page - Intel Corporation 80960KA Datasheet HTML 39Page - Intel Corporation 80960KA Datasheet HTML 40Page - Intel Corporation 80960KA Datasheet HTML 41Page - Intel Corporation 80960KA Datasheet HTML 42Page - Intel Corporation 80960KA Datasheet HTML 43Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
80960KA
38
5.0
REVISION HISTORY
No revision history was maintained in earlier revisions of this data sheet. All errata that has been identified to
date is incorporated into this revision. The sections significantly changed since the previous revision are:
Section
Last
Rev.
Description
Table 3. 80960KA Pin Description:
L-Bus Signals (pg. 8)
-004
LOCK pin description rewritten for clarity.
2.3. Connection Recommenda-
tions (pg. 11)
-004
Changed suggested open-drain termination networks to
reflect more realistic operating conditions with reduction in
DC power consumption.
Figure 9. Typical Current vs. Fre-
quency (Hot Temp) (pg. 13)
-004
Added figure for typical power supply current at hot tempera-
ture to aid thermal analysis.
Figure 12. Test Load Circuit for
Three-State Output Pins (pg. 14)
Figure 13. Test Load Circuit for
Open-Drain Output Pins (pg. 14)
-004
All outputs now specified with standard 50 pF test loads to
agree with actual test methodology.
2.7. DC Characteristics (pg. 15)
-004
ICC max specification reduced:
WAS:
IS:
AT:
375 mA
315 mA
16 MHz
420 mA
360 mA
20 MHz
480 mA
420 mA
25 MHz
Figures 7, 8, 9, 23, 24, 25 and 26 have also been changed
accordingly.
2.8. AC Specifications (pg. 16)
-004
25 MHz operation extended to product in PQFP package. T8
min. improved at all frequencies from 0 ns to 2 ns and T8
max. improved from 20 ns to 18 ns.
T8H max improvement:
WAS:
IS:
AT:
31ns
28ns
16 MHz
26ns
23ns
20 MHz
24ns
23ns
25 MHz
Functional Waveforms
-004
Redrawn for clarity. CLK signal drawn with more likely phase
relationship to CLK2. Open-drain output signals drawn to
show correct inactive states.
Various
-004
Deleted all references to 10 MHz. Intel no longer offers a
10 MHz 80960KA device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com