Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960KA Datasheet HTML 8Page - Intel Corporation 80960KA Datasheet HTML 9Page - Intel Corporation 80960KA Datasheet HTML 10Page - Intel Corporation 80960KA Datasheet HTML 11Page - Intel Corporation 80960KA Datasheet HTML 12Page - Intel Corporation 80960KA Datasheet HTML 13Page - Intel Corporation 80960KA Datasheet HTML 14Page - Intel Corporation 80960KA Datasheet HTML 15Page - Intel Corporation 80960KA Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
80960KA
9
BE3:0
O
O.D.
BYTE ENABLE LINES specify the data bytes (up to four) on the bus which are used
in the current bus cycle. BE3 corresponds to LAD31:24; BE0 corresponds to LAD7:0.
The byte enables are provided in advance of data:
• Byte enables asserted during Ta specify the bytes of the first data word.
• Byte enables asserted during Td specify the bytes of the next data word, if any (the
word to be transmitted following the next assertion of READY).
Byte enables that occur during Td cycles that precede the last assertion of READY
are undefined. Byte enables are latched on-chip and remain constant from one Td
cycle to the next when READY is not asserted.
For reads, byte enables specify the byte(s) that the processor will actually use. L-Bus
agents are required to assert only adjacent byte enables (e.g., asserting just BE0 and
BE2 is not permitted) and are required to assert at least one byte enable. Address
bits A0 and A1 can be decoded externally from the byte enables.
HOLD
I
HOLD: A request from an external bus master to acquire the bus. When the
processor receives HOLD and grants bus control to another master, it floats its three-
state bus lines and open-drain control lines, asserts HLDA and enters the Th state.
When HOLD deasserts, the processor deasserts HLDA and enters the Ti or Ta state.
HLDA
O
T.S.
HOLD ACKNOWLEDGE: Notifies an external bus master that the processor has
relinquished control of the bus.
CACHE
O
T.S.
CACHE indicates when an access is cacheable during a Ta cycle. It is not asserted
during any synchronous access, such as a synchronous load or move instruction
used for sending an IAC message. The CACHE signal floats to a high impedance
state when the processor is idle.
Table 4. 80960KA Pin Description: Support Signals (Sheet 1 of 2)
NAME
TYPE
DESCRIPTION
BADAC
I
BAD ACCESS, if asserted in the cycle following the one in which the last READY of a
transaction is asserted, indicates an unrecoverable error occurred on the current bus
transaction or a synchronous load/store instruction has not been acknowledged.
During system reset the BADAC signal is interpreted differently. If the signal is high, it
indicates that this processor will perform system initialization. If it is low, another
processor in the system will perform system initialization instead.
RESET
I
RESET clears the processor’s internal logic and causes it to reinitialize.
During RESET assertion, the input pins are ignored (except for BADAC and
IAC/INT0), the three-state output pins are placed in a high impedance state and other
output pins are placed in their non-asserted states.
RESET must be asserted for at least 41 CLK2 cycles for a predictable RESET. The
HIGH to LOW transition of RESET should occur after the rising edge of both CLK2
and the external bus clock and before the next rising edge of CLK2.
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state
Table 3. 80960KA Pin Description: L-Bus Signals (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com