Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 3 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 3 Page - Intel Corporation

  80960KA Datasheet HTML 1Page - Intel Corporation 80960KA Datasheet HTML 2Page - Intel Corporation 80960KA Datasheet HTML 3Page - Intel Corporation 80960KA Datasheet HTML 4Page - Intel Corporation 80960KA Datasheet HTML 5Page - Intel Corporation 80960KA Datasheet HTML 6Page - Intel Corporation 80960KA Datasheet HTML 7Page - Intel Corporation 80960KA Datasheet HTML 8Page - Intel Corporation 80960KA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
CONTENTS
iii
Figure 24.
20 MHz Maximum Allowable
Ambient Temperature ....................... 31
Figure 25.
25 MHz Maximum Allowable
Ambient Temperature ....................... 32
Figure 26.
Maximum Allowable Ambient
Temperature for the Extended
Temperature TA-80960KA at
20 MHz in PGA Package .................. 32
Figure 27.
Non-Burst Read and Write
Transactions Without Wait States ..... 33
Figure 28.
Burst Read and Write Transaction
Without Wait States ......................... 34
Figure 29.
Burst Write Transaction with
2, 1, 1, 1 Wait States ........................ 35
Figure 30.
Accesses Generated by Quad Word
Read Bus Request, Misaligned Two
Bytes from Quad Word Boundary
(1, 0, 0, 0 Wait States) ...................... 36
Figure 31.
Interrupt Acknowledge Transaction .. 37
TABLES
Table 1.
80960KA Instruction Set ..................... 3
Table 2.
Memory Addressing Modes ................ 4
Table 3.
80960KA Pin Description:
L-Bus Signals ...................................... 8
Table 4.
80960KA Pin Description:
Support Signals ................................... 9
Table 5.
DC Characteristics ............................ 15
Table 6.
80960KA AC Characteristics
(16 MHz) ........................................... 17
Table 7.
80960KA AC Characteristics
(20 MHz) ........................................... 18
Table 8.
80960KA AC Characteristics
(25 MHz) ........................................... 19
Table 9.
80960KA PGA Pinout —
In Pin Order ....................................... 25
Table 10.
80960KA PGA Pinout —
In Signal Order .................................. 26
Table 11.
80960KA PQFP Pinout —
In Pin Order ....................................... 27
Table 12.
80960KA PQFP Pinout —
In Signal Order .................................. 28
Table 13.
80960KA PGA Package
Thermal Characteristics .................... 29
Table 14.
80960KA PQFP Package
Thermal Characteristics .................... 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com