Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KA Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960KA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KA Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960KA Datasheet HTML 10Page - Intel Corporation 80960KA Datasheet HTML 11Page - Intel Corporation 80960KA Datasheet HTML 12Page - Intel Corporation 80960KA Datasheet HTML 13Page - Intel Corporation 80960KA Datasheet HTML 14Page - Intel Corporation 80960KA Datasheet HTML 15Page - Intel Corporation 80960KA Datasheet HTML 16Page - Intel Corporation 80960KA Datasheet HTML 17Page - Intel Corporation 80960KA Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
80960KA
11
2.3.
Connection Recommendations
For reliable operation, always connect unused inputs
to an appropriate signal level. In particular, if one or
more interrupt lines are not used, they should be
pulled up. No inputs should ever be left floating.
All open-drain outputs require a pullup device. While
in most cases a simple pullup resistor is adequate, a
network of pullup and pulldown resistors biased to a
valid VIH (>3.0 V) and terminated in the characteristic
impedance of the circuit board is recommended to
limit noise and AC power consumption. Figure 5 and
Figure 6 show recommended values for the resistor
network for low and high current drive, assuming a
characteristic impedance of 100
Ω. Terminating
output signals in this fashion limits signal swing and
reduces AC power consumption.
NOTE:
Do not connect external logic to pins marked N.C.
Figure 5. Connection Recommendations
for Low Current Drive Network
220
Ω
330
Ω
Low Drive Network:
VOH = 3.0 V
IOL = 20.7 mA
VCC
OPEN-DRAIN OUTPUT
Figure 6. Connection Recommendations
for High Current Drive Network
2.4.
Characteristic Curves
Figure 7 shows typical supply current requirements
over
the
operating
temperature
range
of
the
processor at supply voltage (VCC) of 5 V. Figure 8 and
Figure 9 show the typical power supply current (ICC)
that the 80960KA requires at various operating
frequencies when measured at three input voltage
(VCC) levels and two temperatures.
For a given output current (IOL) the curve in Figure 10
shows the worst case output low voltage (VOL). Figure
11 shows the typical capacitive derating curve for the
80960KA measured from 1.5V on the system clock
(CLK) to 1.5V on the falling edge and 1.5V on the
rising edge of the L-Bus address/data (LAD) signals.
OPEN-DRAIN OUTPUT
180
Ω
390
Ω
High Drive Network:
VOH = 3.4 V
IOL = 25.3 mA
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com