Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 9 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 9 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 5Page - Intel Corporation AS87196CB Datasheet HTML 6Page - Intel Corporation AS87196CB Datasheet HTML 7Page - Intel Corporation AS87196CB Datasheet HTML 8Page - Intel Corporation AS87196CB Datasheet HTML 9Page - Intel Corporation AS87196CB Datasheet HTML 10Page - Intel Corporation AS87196CB Datasheet HTML 11Page - Intel Corporation AS87196CB Datasheet HTML 12Page - Intel Corporation AS87196CB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
87C196CA87C196CB
Symbol
Name and Function
PORT 3 and 4
8-bit bidirectional IO ports with open drain outputs These pins are shared with the
multiplexed addressdata bus which has strong internal pullups
P27CLKOUT
Output of the internal clock generator The frequency is the oscillator frequency
CLKOUT has a 50% duty cycle Also LSIO pin when not used as CLKOUT
P26HLDA
Bus Hold Acknowledge Active-low output indicates that the bus controller has
relinquished control of the bus Occurs in response to an external device asserting the
HLD
signal Also LSIO when not used as HLDA
P25HLD
Bus Hold Active-low signal indictes that an external device is requesting control of the
bus Also LSIO when not used as HLD
(CB only)
P24INTOUT
Interrupt Output This active-low output indicates that a pending interrupt requires use
of the external bus Also LSIO when not used as INTOUT
P23BREQ
Bus Request This active-low output signal is asserted during a HOLD cycle when the
bus controller has a pending external memory cycle Also LSIO when not used as
(CB only)
BREQ
P22EXTINT
A positive transition on this pin causes a maskable interrupt vector through memory
location 203CH Also LSIO when not used as EXTINT
P21RXD
Receive data input pin for the Serial IO port Also LSIO if not used as RXD
P20TXD
Transmit data output pin for the Serial IO port Also LSIO if not used as TXD
PORT 1EPA0 – 7
Dual function IO port pins Primary function is that of bidirectional IO System function
is that of High Speed capture and compare EPA0 and EPA2 have another function of
T2CLK and T2DIR of the TIMER2 timercounter
PORT 0ACH0 – 7
8-bit high impedance input-only port These pins can be used as digital inputs andor as
analog inputs to the on-chip AD converter These pins are also used as inputs to
EPROM parts to select the Programming Mode
EPORT
8-bit bidirectional standard and IO Port These bits are shared with the extended
address bus A16 – A19 for CB PLCC A16 – A23 for CB QFP Pin function is selected on
(CB only)
a per pin basis
TXCAN
Push-pull output to the CAN bus line
RXCAN
High impedance input-only from the CAN bus line
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com