Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 1 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 1 Page - Intel Corporation

  AS87196CB Datasheet HTML 1Page - Intel Corporation AS87196CB Datasheet HTML 2Page - Intel Corporation AS87196CB Datasheet HTML 3Page - Intel Corporation AS87196CB Datasheet HTML 4Page - Intel Corporation AS87196CB Datasheet HTML 5Page - Intel Corporation AS87196CB Datasheet HTML 6Page - Intel Corporation AS87196CB Datasheet HTML 7Page - Intel Corporation AS87196CB Datasheet HTML 8Page - Intel Corporation AS87196CB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
April 1996
COPYRIGHT
INTEL CORPORATION 1996
Order Number 272405-004
87C196CA87C196CB 20 MHz
ADVANCED 16-BIT CHMOS MICROCONTROLLER
WITH INTEGRATED CAN 20
Automotive
Y
High Performance CHMOS 16-Bit CPU
(up to 20 MHz Operation)
Y
Register-Register Architecture
Y
Up to 56 Kbytes of On-Chip EPROM
Y
Up to 15 Kbyte of On-Chip Register
RAM
Y
Up to 512 Bytes of Additional RAM
(Code RAM)
Y
Up to 16 Mbyte Linear Address Space
Y
Supports CAN (Controller Area
Network) Specification 20
Y
15 Message Objects of 8 Bytes Data
Length
Y
10-Bit AD with SampleHold
Y
38 Prioritized Interrupts
Y
Up to Seven 8-Bit (60) IO Ports
Y
Full Duplex Serial Port (SIO) with
Dedicated Baudrate Generator
Y
Full Duplex Synchronous Serial IO
Port (SSIO)
Y
Interprocessor Communication Slave
Port
Y
Selectable Bus Timing Modes for
Flexible Interfacing
Y
Oscillator Fail Detection Circuitry
Y
High Speed Peripheral Transaction
Server (PTS)
Y
Two Dedicated 16-Bit High-Speed
Compare Registers
Y
High Speed CaptureCompare (EPA)
Y
Two Flexible 16-Bit Timer Counters
Y
Flexible 8-16-Bit External Bus
(Programmable)
Y
Programmable Bus (HLDHLDA)
Y
14 ms 16 x 16 Multiply
Y
24 ms 3216 Divide
b
40 Cto a125 C Ambient
Device
PinsPackage
EPROM
Reg RAM
Code RAM
IO
EPA
SIO
SSIO
CAN
AD
Address
Space
87C196CB
84-Pin PLCC
56K
15K
512b
56
10
Y
Y
Y
8
1 Mbyte
87C196CB
100-Pin QFP
56K
15K
512b
60
10
Y
Y
Y
8
16 Mbyte
87C196CA
68-Pin PLCC
32K
10K
256b
38
6
Y
Y
Y
6
64 Kbyte
The 87C196CACB are new members of the MCS
96 microcontroller family These devices are based upon
the MCS 96 KxJx microcontroller product families with enhancements ideal for automotive and industrial
applications The CACB are the first devices in the Kx family to support networking through the integration of
the CAN 20 (Controller Area Network) peripheral on-chip The 87C196CB offers the highests memory density
of the MCS 96 microcontroller family with 56K of on-chip EPROM 15K of on-chip register RAM and 512
bytes of additional RAM (Code RAM) In addition the 87C196CB provides up to 16 Mbyte of Linear Address
Space The 87C196CA is a sub-set of the CB offering 32K of on-chip EPROM up to 10K of on-chip register
RAM and 256 bytes of additional RAM (Code RAM)


Similar Part No. - AS87196CB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AS87C196CB20 INTEL-AS87C196CB20 Datasheet
1Mb / 36P
20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
AS87C196CB20F8 INTEL-AS87C196CB20F8 Datasheet
308Kb / 38P
16-Bit CHMOS Microcontrollers
More results

Similar Description - AS87196CB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196KR INTEL-87C196KR Datasheet
324Kb / 25P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
8XC196KB INTEL-8XC196KB Datasheet
247Kb / 17P
ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
AS87C196CB20 INTEL-AS87C196CB20 Datasheet
1Mb / 36P
20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com