Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 17 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 17 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 13Page - Intel Corporation AS87196CB Datasheet HTML 14Page - Intel Corporation AS87196CB Datasheet HTML 15Page - Intel Corporation AS87196CB Datasheet HTML 16Page - Intel Corporation AS87196CB Datasheet HTML 17Page - Intel Corporation AS87196CB Datasheet HTML 18Page - Intel Corporation AS87196CB Datasheet HTML 19Page - Intel Corporation AS87196CB Datasheet HTML 20Page - Intel Corporation AS87196CB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
87C196CA87C196CB
AC CHARACTERISTICS (Over Specified Operating Conditions)
Test Conditions Capacitance Load on All Pins e 100 pF Rise anf Fall Times e 10 ns
The system must meet these specifications to work with the 87C196CACB
Symbol
Parameter
Min
Max
Units
TAVYV
Address Valid to Ready Setup
2 TOSC b 75
ns(3)
TLLYV
ALE Low to READY Setup
TOSC b 70
ns(3)
TYLYH
Non READY Time
No Upper Limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC b 30
ns(1)
TAVGV
Address Valid to BUSWIDTH Setup
2 TOSC b 75
ns(2 3)
TLLGV
ALE Low to BUSWIDTH Setup
TOSC b 60
ns(2 3)
TCLGX
BUSWIDTH Hold after CLKOUT Low
0
ns
TAVDV
Address Valid to Input Data Valid
3 TOSC b 55
ns(2)
TRLDV
RD active to input Data Valid
CA
TOSC b 22
ns(2)
CB
TOSC b 30
ns(2)
TCLDV
CLKOUT Low to Input Data Valid
TOSC b 50
ns
TRHDZ
End of RD to Input Data Float
TOSC
ns
TRHDX
Data Hold after RD High
0
ns
NOTES
1 If Max is exceeded additional wait states will occur
2 If wait states are used add 2 Tosc c n where n e number of wait states
3 If mode 0 is selected one wait state minimum is always added If additional wait states are required add 2 Tosc to the
specification
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com