Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 33 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 33 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 25Page - Intel Corporation AS87196CB Datasheet HTML 26Page - Intel Corporation AS87196CB Datasheet HTML 27Page - Intel Corporation AS87196CB Datasheet HTML 28Page - Intel Corporation AS87196CB Datasheet HTML 29Page - Intel Corporation AS87196CB Datasheet HTML 30Page - Intel Corporation AS87196CB Datasheet HTML 31Page - Intel Corporation AS87196CB Datasheet HTML 32Page - Intel Corporation AS87196CB Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
87C196CA87C196CB
DATA SHEET REVISION HISTORY
This is the -003 revision of the 87C196CACB data
sheet The following differences exist between the
-002 version and the -003 revision
1 The data sheet has been revised to ADVANCE
from PRELIMINARY indicaitng the specifica-
tions have been verified through electrical tests
2 The 87C196CB 100-ld QFP package and device
pinout has been added to the data sheet
3 The 87C196CB 100-ld QFP device supports up
the 16 Mbyte of linear address space
4 The package thermal characteristics for the
PLCC packages was added to the data sheet
for the CB iJA e 350 CW iJC e 110 CW
For the CA
iJA e 365 CW and iJA e
100 CW
5 The AN87C196CB pin package diagram was
corrected to show EA
as opposed to EA
6 The
REMAP
bit
funciton
for
CCB2
was
corrected Setting this bit to 0 selects EPROM
CODERAM in segment 0FFH only Setting this
bit to 1 selects both segment 0FFH and segment
00H
7 tRLAZ has been changed to 5 ns from 20 ns
8 tWLWH for the CA has been changed to tOSC
b
20 from tOSC b 30
9 tCLGX has been changed to 0 ns min from tOSC
b
46 max
10 Timing specifications for the SSIO are now add-
ed These timings are currently guaranteed by
design
11 Added frequency designation to family nomen-
clature Figure 2
This is the -002 revision of the 87C196CA data
sheet The following difference exist between the
-001 version and the -002 revision
1 This data sheet now includes the specifications
for the 87C196CB as well as the 87C196CA
2 ABSOLUTE MAXIMUM RATINGS have been
added
3 Maximum Frequency has been increased to
20 MHz
4 Maximum ICC has been increased from 75 mA
to 100 mA for the CB 90 mA for the CA
5 Idle Mode current has been increased to 35 mA
from 30 mA for the CB 40 mA for the CA
6 Input leakage current for Port 0 (ILI1) was de-
creased to 15 mA from 20 mA for the CA
7 The electrical characteristics for the CAN mod-
ule were removed The electrical characteristics
for TXCAN and RXCAN are identical to standard
port pins
8 tOSC (1freq) was modified to reflect 20 Mhz tim-
ings
9 tOFD (Oscillator Fail Detect Specification) for
clock failure to RESET pin pulled low was added
to the data sheet (4 ms min 40 ms max)
10 tWHQX has been increased to tOSC b 25 ns min
from tOSC b 30 ns min
11 tRXDX has been replaced by tRHDX tRLAZ has
been increased to 20 ns max from 5 ns max
12 IPP programming supply current has been in-
creased to 200 mA from 100 mA
13 tCONV Conversion time for 10 bit AD conver-
sions has been decreased to reflect 20 Mhz op-
eration
14 RRST was added for the 87C196CA (min e 6
kX max e 65 kX
15 tCLLH minmax parameters switched to accu-
rately reflect this timing parameter
16 tRLCL Separate timings for the 87C196CA vs
87C196CB tRLCL for the CB is min b8 ns max
a
20 ns For the CA tRLCL min a4 nsmax
a
30 ns
17 tRLRH changed to TOSC b 10 ns from TOSC
b
5 ns
18 tAVGV added for the 87C196CB
19 tLLGV added for the 87C196CB
20 tCLGX added for the 87C196CB
21 tRLDV Separate timings for 87C196CB tRLDV
max e TOSC b 30 ns For the 87C196CA
tRLDV max e TOSC b 22 ns
22 HOLDHOLDA
timings
added
for
the
87C196CB
23 Slave Port Timings added for the 87C196CB
24 Separate
specifications
for
tPLPH for the
87C196CB tPLPH min e 100 TOSC For the
87C196CA tPLPH min e 50 TOSC
25 Separate
specificatons
for
tPLDV for the
87C196CB tPLDV min e 100 TOSC for the
87C196CA tPLDV min e 50 TOSC
26 8-Bit mode AD characteristics added
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com