Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS87196CB Datasheet(PDF) 15 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 15 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 11Page - Intel Corporation AS87196CB Datasheet HTML 12Page - Intel Corporation AS87196CB Datasheet HTML 13Page - Intel Corporation AS87196CB Datasheet HTML 14Page - Intel Corporation AS87196CB Datasheet HTML 15Page - Intel Corporation AS87196CB Datasheet HTML 16Page - Intel Corporation AS87196CB Datasheet HTML 17Page - Intel Corporation AS87196CB Datasheet HTML 18Page - Intel Corporation AS87196CB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
87C196CA87C196CB
DC CHARACTERISTICS (Under Listed Operating Conditions) (Continued)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ILI
Input Leakage Current (Std Inputs)
VSS k VIN k VCC
g
10
m
A
ILI1
Input Leakage Current (Port 0)
VSS k VIN k VREF
CA g15
m
A
CB g10
VOH1
SLPINT (P54) and HLDA (P26)
IOH e 08 mA(7)
20
V
Output High Voltage in RESET
VOH2
Output High Voltage in RESET
IOH eb15 mA(1)
VCCb1V
V
CS
Pin Capacitance (Any pin to VSS)ftest e 10 MHz(6)
10
pF
RWPU
Weak Pullup Resistance
(Note 6)
150K
X
RRST
Reset Pullup Resistor
For CB
65K
180K
X
RRST
Reset Pullup Resistor CA
For CA
6K
65K
X
NOTES
1 All BD (bidirectional) pins except INST and CLKOUT INST and CLKOUT are excluded due to their not being weakly
pulled high in reset BD pins include Port1 Port2 Port3 Port4 Port5 and Port6 except SPLINT (P54) and HLDA (P26)
2 Standard input pins include XTAL1 EA RESET and Port 1256 when setup as inputs
3 All bidirectional IO pins when configured as Outputs (PushPull)
4 Device is static and should operate below 1 Hz but only tested down to 4 MHz
5 Maximum IOL IOH currents per pin will be characterized and published at a later date
6 Typicals are based on limited number of samples and are not guaranteed The values listed are at room temperature and
VREF e VCC e 50V
7 Violating these specifications in reset may cause the device to enter test modes (P54 and P26)
8 When P0 is used as analog inputs refer to AD specifications for this characteristic
9 For temperatures k100 C typical is 10 mA
8XC196CB ADDITIONAL BUS TIMING MODES
The 8XC196CB device has 2 bus timing modes for
external memory interfacing
MODE 3
Mode 3 is the standard timing mode Use this mode
for systems that emulate the 8XC196KR bus tim-
ings
MODE 0
Mode 0 is the standard timing mode but 1 (mini-
mum) wait state is always inserted in external bus
cycles
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com